Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
25
MICROPHONE BIAS CONTROL
The WM8945 provides a low noise reference voltage suitable for biasing electret condenser (ECM)
type microphones via an external resistor. Refer to the “Applications Information” section for
recommended components. The MICBIAS voltage is enabled using the MICB_ENA register bit; the
voltage can be selected using the MICB_LVL bit, as described in Table 3.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management 1
4
MICB_ENA
0
Microphone Bias Enable
0 = Disabled
1 = Enabled
R39 (27h)
Input Ctrl
6
MICB_LVL
0
Microphone Bias Voltage control
0 = 0.9 x LDOVOUT
1 = 0.65 x LDOVOUT
Table 3 Microphone Bias Control
INPUT PGA GAIN CONTROL
The volume control gain for the PGA is adjusted using the PGAL_VOL register field as described in
Table 4. The gain range is -12dB to +35.25dB in 0.75dB steps. The gains on the inverting and non-
inverting inputs to the PGA are always equal. The input PGA can be muted using the PGAL_MUTE
mute bit.
The PGA_VU bit controls the loading of digital volume control data. The PGAL_VOL control data is
only loaded into the respective control register when PGA_VU = 1.
To prevent “zipper noise”, a zero-cross function is provided on the input PGA. When this feature is
enabled, volume updates will not take place until a zero-crossing is detected. In the case of a long
period without zero-crossings, a timeout function is provided. When the zero-cross function is
enabled, the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout clock is enabled using TOCLK_ENA. See “Clocking and Sample Rates” for the definition of
this bit. Note that the zero-cross function can be supported without TOCLK enabled, but the timeout
function will not be provided in this case.
The Input PGA volume control register fields are described in Table 4.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
Left INP PGA
gain ctrl
8
PGA_VU
0
Input PGA Volume Update
Writing a 1 to this bit enables the
Left PGA volume to be updated
7
PGAL_ZC
0
Left Input PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
6
PGAL_MUTE
1
Left Input PGA Mute
0 = Disable Mute
1 = Enable Mute
5:0
PGAL_VOL [5:0]
01_0000
(0dB)
Left Input PGA Volume
00_0000 = -12dB
00_0001 = -11.25dB
…
01_0000 = 0dB
...
11_1111 = +35.25
(See Table 5 for volume range)
Table 4 Input PGA Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com