Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
65
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data into the WM8945 and outputting ADC data
from it. It uses four pins:
ADCDAT: ADC data output
DACDAT: DAC data input
LRCLK: DAC and ADC data alignment clock
BCLK: Bit clock, for synchronisation
MASTER AND SLAVE MODE OPERATION
The digital audio interface can be configured as a Master or a Slave interface, using the MSTR
register bit. The two modes are illustrated in Figure 20 and Figure 21.
WM8945
ADCDAT
LRCLK
DACDAT
BCLK
Processor
Figure 20 Master Mode
Figure 21 Slave Mode
In Master mode, LRCLK and BCLK are configured as outputs, and the WM8945 controls the timing of
the data transfer on the ADCDAT and DACDAT pins.
In Master mode, the LRCLK frequency is determined automatically according to the sample rate (see
“Clocking and Sample Rates”). The BCLK frequency is set by the BCLK_DIV register. BCLK_DIV
must be set to an appropriate value to ensure that there are sufficient BCLK cycles to transfer the
complete data words from the ADCs and to the DACs.
In Slave mode, LRCLK and BCLK are configured as inputs, and the data timing is controlled by an
external master.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Clock Gen
control
3:1
BCLK_DIV [2:0]
011
BCLK Frequency (Master mode)
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 4
011 = SYSCLK / 8
100 = SYSCLK / 16
101 = SYSCLK / 32
110 = reserved
111 = reserved
0
MSTR
0
Digital Audio Interface Mode select
0 = Slave mode
1 = Master mode
Table 43 Digital Audio Interface Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com