Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
85
For SPKVDD measurement, the SPKVDD voltage is connected to a potential divider in order to
reduce it to a suitable level. Two different scaling factors are available, controlled by the
AUX_BATT_SCALE register bit. The scaling factor should be selected such that the scaled output is
less than the maximum measurable level (LDOVDD).
For optimum measurement of the SPKVDD voltage, the SPKVDD potential divider can be connected
to the AUX1 pin, allowing an external capacitor to be used to filter noise from the SPKVDD supply.
This is enabled by setting the AUX_AUX1_FILTB register bit. This option can only be used when
AUX1 is not also used as an input to the AUXADC.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54 (36h)
Bandgap
15
BG_ENA
0
Bandgap Reference Control
0 = Disabled
1 = Enabled
R63 (3Fh)
AuxADC
Config
9
AUX_AUX1_
FILTB
0
AUXADC Battery (SPKVDD)
measurement filter control
0 = Disabled
1 = Enabled
When AUX_AUX1_FILTB is set, the
Battery (SPKVDD) measurement
point is connected to the AUX1 pin,
allowing an external capacitor to be
used to filter noise.
8
AUX_BATT_
SCALE
1
AUXADC Battery (SPKVDD)
measurement divider control
0 = 0.45 x SPKVDD
(Note that 0.45 x 3.3V = 1.485V)
1 = 0.41 x SPKVDD
(Note that 0.41 x 3.6V = 1.476V)
1
AUX_AUX2_
REF
0
AUXADC AUX2 reference select
0 = LDOVDD/2
1 = 1.5V (nominal) Bandgap
0
AUX_AUX1_
REF
0
AUXADC AUX1 reference select
0 = LDOVDD/2
1 = 1.5V (nominal) Bandgap
Table 57 AUXADC Input Configuration
AUXADC READBACK
Measured data from the AUXADC is read via the AuxADC Data Register (R60), which contains two
fields. The AUXADC Data Source is indicated in the AUX_DATA_SRC field; the associated
measurement data is contained in the AUX_DATA field.
Reading from the AuxADC Data Register returns a 12-bit code which represents the most recent
AUXADC measurement on the associated channel. It should be noted that every time an AUXADC
measurement is written to the AuxADC Data Register, the previous data is overwritten – the host
processor should ensure that data is read from this register before it is overwritten.
The 12-bit AUX_DATA field can be equated to the actual voltage by scaling according to the
applicable reference source. The full-scale value of AUX_DATA corresponds to the LDOVDD voltage
level.
The AUXADC interrupts can be used to indicate when new data is available – see “Interrupts”. A
GPIO pin configured as “AUX_DONE” can also be used to indicate when new data is available – see
“General Purpose Input / Output”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com