Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
92
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10
GP1_POL
0
GPIO1 Polarity Select
0 = Non-inverted
1 = Inverted
5
GP1_LVL
0
GPIO1 level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
When GP1_POL is set, the register
contains the opposite logic level to
the external pin.
3:0
GP1_FN [3:0]
0000
GPIO1 Pin Function
(see Table 63 for details)
R13 (0Dh)
GPIO2
Control
15
GP2_DIR
1
GPIO2 Pin Direction
0 = Output
1 = Input
14:13
GP2_PULL [1:0]
00
GPIO2 pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
12
GP2_INT_
MODE
0
GPIO2 Interrupt Mode
0 = GPIO interrupt is rising edge
triggered (if GP2_POL=0) or falling
edge triggered (if GP2_POL =1)
1 = GPIO interrupt is triggered on
rising and falling edges
10
GP2_POL
0
GPIO2 Polarity Select
0 = Non-inverted
1 = Inverted
5
GP2_LVL
0
GPIO2 level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
When GP2_POL is set, the register
contains the opposite logic level to
the external pin.
3:0
GP2_FN [3:0]
0000
GPIO2 Pin Function
(see Table 63 for details)
R14 (0Eh)
GPIO3
Control
15
GP3_DIR
1
GPIO3 Pin Direction
0 = Output
1 = Input
14:13
GP3_PULL [1:0]
10
GPIO3 pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
12
GP3_INT_
MODE
0
GPIO3 Interrupt Mode
0 = GPIO interrupt is rising edge
triggered (if GP3_POL=0) or falling
edge triggered (if GP3_POL =1)
1 = GPIO interrupt is triggered on
rising and falling edges
10
GP3_POL
0
GPIO3 Polarity Select
0 = Non-inverted
1 = Inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com