Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30 (1Eh)
DRC Control 2
12:9
DRC_NG_
MINGAIN [3:0]
0110
Minimum gain the DRC can use to
attenuate audio signals when the
noise gate is active.
0000 = -36dB
0001 = -30dB
0010 = -24dB
0011 = -18dB
0100 = -12dB
0101 = -6dB
0110 = 0dB
0111 = 6dB
1000 = 12dB
1001 = 18dB
1010 = 24dB
1011 = 30dB
1100 = 36dB
1101 to 1111 = Reserved
4:2
DRC_MINGAIN
[2:0]
001
Minimum gain the DRC can use to
attenuate audio signals
000 = 0dB
001 = -12dB (default)
010 = -18dB
011 = -24dB
100 = -36dB
101 = Reserved
11X = Reserved
1:0
DRC_MAXGAIN
[1:0]
01
Maximum gain the DRC can use to
boost audio signals (dB)
00 = 12dB
01 = 18dB
10 = 24dB
11 = 36dB
Table 18 DRC Gain Limits
GAIN READBACK
The gain applied by the DRC can be read from the DRC_GAIN register. This is a 16-bit, fixed-point
value, which expresses the DRC gain as a voltage multiplier.
DRC_GAIN is coded as a fixed-point quantity, with an MSB weighting of 64. The first 7 bits represent
the integer portion; the remaining bits represent the fractional portion. If desired, the value of this field
may be interpreted by treating DRC_GAIN as an integer value, and dividing the result by 512, as
illustrated in the following examples:
DRC_GAIN = 05D4 (hex) = 1380 (decimal)
Divide by 512 gives 2.914 voltage gain, or 4.645dB
DRC_GAIN = 0100 (hex) = 256 (decimal)
Divide by 512 gives 0.5 voltage gain, or -3.01dB
The DRC_GAIN register is defined in Table 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com