Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
93
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
GP3_LVL
0
GPIO3 level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
When GP3_POL is set, the register
contains the opposite logic level to
the external pin.
3:0
GP3_FN [3:0]
0000
GPIO3 Pin Function
(see Table 63 for details)
R15 (0Fh)
GPIO4
Control
15
GP4_DIR
1
GPIO4 Pin Direction
0 = Output
1 = Input
14:13
GP4_PULL [1:0]
00
GPIO4 pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
12
GP4_INT_
MODE
0
GPIO4 Interrupt Mode
0 = GPIO interrupt is rising edge
triggered (if GP4_POL=0) or falling
edge triggered (if GP4_POL =1)
1 = GPIO interrupt is triggered on
rising and falling edges
10
GP4_POL
0
GPIO4 Polarity Select
0 = Non-inverted
1 = Inverted
5
GP4_LVL
0
GPIO4 level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
When GP4_POL is set, the register
contains the opposite logic level to
the external pin.
3:0
GP4_FN [3:0]
0000
GPIO4 Pin Function
(see Table 63 for details)
Table 62 GPIO Control
GPIO FUNCTION SELECT
The available GPIO functions are described in Table 63. The function of each GPIO is set using the
GPn_FN register, where n identifies the GPIO pin (1 to 4).
Note that the polarity of the GPIO inputs and outputs may be selected using the GPn_POL register
bits. When GPn_POL = 1, then the polarity is inverted with respect to the descriptions below.
The GPIO input functions may be used to detect headphone jack insertion or a button press. These
signals may be used as inputs to the Interrupt Controller, via the integrated de-bounce circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com