Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
64
The buffered VMID reference is enabled by setting VMID_BUF_ENA. This is applied to any disabled
outputs, provided that the respective _VMID_OP_ENA bit is also set. The output resistance can be
either 1k
 or 20k, depending on the respective _VROI register bit.
The disabled output control bits are described in Table 41. See “Output Signal Path” for details of how
to disable any of the audio outputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
management
1
2
VMID_BUF_ENA
0
VMID Buffer Enable.
(The buffered VMID may be applied
to disabled input and output pins.)
0 = Disabled
1 = Enabled
R42 (2Ah)
Output ctrl
13
SPKR_VMID_OP
_ENA
0
Buffered VMID to SPKOUTR
Enable
0 = Disabled
1 = Enabled
12
SPKL_VMID_OP
_ENA
0
Buffered VMID to SPKOUTL Enable
0 = Disabled
1 = Enabled
10
LINEL_VMID_OP
_ENA
0
Buffered VMID to LINEOUTL
Enable
0 = Disabled
1 = Enabled
1
SPK_VROI
0
Buffered VREF to SPKOUTL /
SPKOUTR resistance (Disabled
outputs)
0 = approx 20k
1 = approx 1k
0
LINE_VROI
0
Buffered VREF to LINEOUTL
resistance (Disabled output)
0 = approx 20k
1 = approx 1k
Table 41 Disabled Output Control
OUTPUT DISCHARGE CONTROL
The line outputs and speaker outputs can be actively discharged to GND through internal resistors if
desired. This is desirable at start-up in order to achieve a known output stage condition prior to
enabling the soft-start VMID reference voltage. This is also desirable in shut-down to prevent the
external connections from being affected by the internal circuits.
The individual control bits for discharging each audio output are described in Table 42.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42 (2Ah)
Output ctrl
7
SPKR_DISCH
0
Discharges SPKOUTR output via
approx 4k resistor
0 = Not active
1 = Actively discharging SPKOUTR
6
SPKL_DISCH
0
Discharges SPKOUTL output via
approx 4k resistor
0 = Not active
1 = Actively discharging SPKOUTL
4
LINEL_DISCH
0
Discharges LINEOUTL output via
approx 4k resistor
0 = Not active
1 = Actively discharging LINEOUTL
Table 42 Output Discharge Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com