Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
52
To enable the output PGAs and mixers, the reference voltage VMID and the bias current must also be
enabled. See “Reference Voltages and Master Bias” for details of the associated controls VMID_SEL
and BIAS_ENA.
Note that the Line output, Speaker outputs and Speaker PGA mixers are all muted by default. The
required signal paths must be un-muted using the control bits described in the respective tables
below.
LINE OUTPUT MIXER CONTROL
The Line Output mixer controls are described in Table 30. These allow any of the DAC, Inverted DAC,
AUX1/2 and one of the ADC Bypass signals to be mixed. The output of the mixer can be muted using
the LINEL_MUTE bit.
Care should be taken when mixing more than one path to the Line Output mixer in order to avoid
clipping. The gain of each input path is adjustable using a selectable -6dB control in each path to
facilitate this.
Note that the attenuation control field DACL_TO_OUTL_ATTEN controls the DAC and the Inverted
DAC mixer paths to the Line Output mixer. Note that the DAC input level may also be controlled by
the DAC digital volume control – see “Digital to Analogue Converter (DAC)” for further details.
When the AUX1 or AUX2 pin is used as an audio input, that pin must be configured for audio using
the AUX1_AUDIO or AUX2_AUDIO register bits. These bits are defined in Table 2 (see “Analogue
Input Signal Path”).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42 (2Ah)
Output ctrl
8
LINEL_MUTE
1
LINEOUTL Output Mute
0 = Disable Mute
1 = Enable Mute
R49 (31h)
Line L mixer
control 1
6
BYPL_TO_OUTL
0
Left Input PGA (ADC bypass) to
Left Output Mixer select
0 = Disabled
1 = Enabled
5
MDACL_TO_
OUTL
0
Inverted Left DAC to Left Output
Mixer select
0 = Disabled
1 = Enabled
3
DACL_TO_OUTL
0
Left DAC to Left Output Mixer select
0 = Disabled
1 = Enabled
1
AUX2_TO_OUTL
0
AUX2 Audio Input to Left Output
Mixer select
0 = Disabled
1 = Enabled
0
AUX1_TO_OUTL
0
AUX1 Audio Input to Left Output
Mixer select
0 = Disabled
1 = Enabled
R51 (33h)
Line L mixer
control 2
6
BYPL_TO_OUTL
_ATTEN
0
Left Input PGA (ADC bypass) to
Left Output Mixer attenuation
0 = 0dB
1 = -6dB attenuation
3
DACL_TO_OUTL
_ATTEN
0
Left DAC to Left Output Mixer
attenuation
0 = 0dB
1 = -6dB attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com