Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961 Datasheet (PDF) - Wolfson Microelectronics plc

WM8961 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8961
Download  WM8961 Download
File Size   1413.23 Kbytes
Page   116 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers

WM8961 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8961 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8961
Download  WM8961 Click to download

File Size   1413.23 Kbytes
Page   116 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers

WM8961 Datasheet (HTML) - Wolfson Microelectronics plc


WM8961 Product details

DESCRIPTION

The WM8961 is a low power, high quality stereo CODEC designed for portable digital audio applications.

An integrated charge pump provides a ground referenced output which removes the need for DC-blocking capacitors on the output, and uses the Wolfson ‘Class-W’ amplifier techniques - incorporating an innovative dual-mode charge pump architecture - to optimise efficiency and power consumption during playback. A DC Servo is used to reduce DC ground offsets. This improves power consumption and minimises pops and clicks.



FEATURES

DAC SNR 98dB (‘A’ weighted), THD -83dB at 48kHz, 1.8V

ADC SNR 88dB (‘A’ weighted), THD -75dB at 48kHz, 1.8V

Stereo Class D Speaker Driver

- 1W per channel into 8Ω BTL speakers.

- Flexible internal switching clock

Wolfson ‘Class-W’ ultra-low power headphone Driver

- Up to 22mW per channel output power at -80dB THD+N into 16Ω at 1.8V

- Ground Referenced

- Low offset (+/- 1.5mV)

- Pop and click suppression

- Control sequencer for pop-minimised start-up and shut-down

- Single register write for default start-up sequence

Microphone Interface

- Single ended stereo input

- Integrated low noise MICBIAS

- Programmable ALC / Limiter and Noise Gate

Low Power Consumption

- 6.99mW headphone playback (1.8V supplies, Low Power mode)

Low Supply Voltages

- Analogue 1.71V to 2.0V (Speaker supply up to 5.5V)

- Charge pump 1.71V to 2.0V

- MIC bias amp supply 1.71V to 3.6V

- Digital 1.62V to 2.0V

2-wire serial control interface including read-back

Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48

5x5x0.9mm 32 pin QFN package



APPLICATIONS

Games consoles

Portable media / DVD players

Mobile multimedia




Similar Part No. - WM8961

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8960CGEFL CIRRUS-WM8960CGEFL Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960CGEFL/RV WOLFSON-WM8960CGEFL/RV Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960CGEFL/RV CIRRUS-WM8960CGEFL/RV Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results


Similar Description - WM8961

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Nuvoton Technology Corp...
NAU88L24 NUVOTON-NAU88L24 Datasheet
476Kb / 16P
Ultra-Low Power Audio CODEC with Stereo Class D Drivers and Ground-Referenced Headphone Amplifier with Advanced Headset Detection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com