Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8961 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
w
WM8961
Ultra-Low Power Stereo CODEC with 1W Stereo Class D
Speaker Drivers and Ground Referenced Headphone Drivers
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Pre-Production, August 2009, Rev 3.1
Copyright
©2009 Wolfson Microelectronics plc
DESCRIPTION
The WM8961 is a low power, high quality stereo CODEC
designed for portable digital audio applications.
An integrated charge pump provides a ground referenced output
which removes the need for DC-blocking capacitors on the
output, and uses the Wolfson ‘Class-W’ amplifier techniques -
incorporating an innovative dual-mode charge pump architecture
- to optimise efficiency and power consumption during playback.
A DC Servo is used to reduce DC ground offsets. This improves
power consumption and minimises pops and clicks.
Stereo class D speaker drivers provide 1W per channel into 8
Ω
loads with a 5V supply. Low leakage, excellent PSRR and
pop/click suppression mechanisms also allow direct battery
connection to the speaker supply. Flexible speaker boost
settings allow speaker output power to be maximised while
minimising other analogue supply currents.
Control sequences for audio path setup can be pre-loaded
and executed by an integrated sequencer to reduce
software driver development and eliminate pops and clicks
via Wolfson’s SilentSwitch™ technology.
Flexible input configuration : a stereo input or two mono inputs
on Lch or Rch ADC, with a complete microphone interface.
External component requirements are drastically reduced as no
separate microphone, speaker or headphone amplifiers are
required. Advanced on-chip digital signal processing performs
automatic level control for the microphone or line input.
Stereo 24-bit sigma-delta ADCs and DACs are used with low
power over-sampling digital interpolation and decimation filters
and a flexible digital audio interface.
The WM8961 operates at analogue supply voltages down to
1.71V, although the digital supplies can operate at voltages
down to 1.62V to save power. The speaker supply can operate
at up to 5.5V, providing 1W per channel into 8
Ω loads. Unused
functions can be disabled using software control to save power.
The WM8961 is supplied in a very small and thin 5x5mm QFN
package, ideal for use in hand-held and portable systems.
FEATURES
•
DAC SNR 98dB (‘A’ weighted), THD -83dB at 48kHz, 1.8V
•
ADC SNR 88dB (‘A’ weighted), THD -75dB at 48kHz, 1.8V
•
Stereo Class D Speaker Driver
-
1W per channel into 8
Ω BTL speakers.
-
Flexible internal switching clock
•
Wolfson ‘Class-W’ ultra-low power headphone Driver
-
Up to 22mW per channel output power at -80dB
THD+N into 16
Ω at 1.8V
-
Ground Referenced
-
Low offset (+/- 1.5mV)
-
Pop and click suppression
-
Control sequencer for pop-minimised start-up and
shut-down
-
Single register write for default start-up sequence
•
Microphone Interface
-
Single ended stereo input
-
Integrated low noise MICBIAS
-
Programmable ALC / Limiter and Noise Gate
•
Low Power Consumption
-
6.99mW headphone playback (1.8V supplies, Low
Power mode)
•
Low Supply Voltages
-
Analogue 1.71V to 2.0V (Speaker supply up to 5.5V)
-
Charge pump 1.71V to 2.0V
-
MIC bias amp supply 1.71V to 3.6V
-
Digital 1.62V to 2.0V
•
2-wire serial control interface including read-back
•
Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48
•
5x5x0.9mm 32 pin QFN package
APPLICATIONS
•
Games consoles
•
Portable media / DVD players
•
Mobile multimedia


Similar Part No. - WM8961

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8960CGEFL CIRRUS-WM8960CGEFL Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960CGEFL/RV WOLFSON-WM8960CGEFL/RV Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960CGEFL/RV CIRRUS-WM8960CGEFL/RV Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results

Similar Description - WM8961

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Nuvoton Technology Corp...
NAU88L24 NUVOTON-NAU88L24 Datasheet
476Kb / 16P
Ultra-Low Power Audio CODEC with Stereo Class D Drivers and Ground-Referenced Headphone Amplifier with Advanced Headset Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com