Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
30
ADC DIGITAL FILTERS
The ADC filters perform true 24-bit signal processing to convert the raw multi-bit over-sampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface.
ADC HIGH PASS FILTER
A digital high pass filter is applied by default to the ADC path to remove DC offsets. This filter can also
be programmed to remove low frequency noise in voice applications (e.g. wind noise or mechanical
vibration).
This filter can be disabled using the ADCHPD register bit. The cut-off frequency of the filter is
controlled by ADC_HPF_CUT.
In hi-fi mode the high pass filter is optimised for removing DC offsets without degrading the bass
response and has a cut-off frequency of 3.7Hz at fs=44.1kHz.
In voice mode the high pass filter is optimised for voice communication and it is recommended to
program the cut-off frequency below 300Hz (e.g. ADC_HPF_CUT=11 at fs=8kHz or
ADC_HPF_CUT=10 at fs=16kHz)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC and DAC
Control (1)
0
ADCHPD
0
ADC High Pass Filter Disable
0 = Enable high pass filter on left and
right channels
1 = Disable high pass filter on left and
right channels
R6 (06h)
ADC & DAC
Control 2
8:7
ADC_HPF_CUT[
1:0]
00
ADC High Pass Filter Cutoff
00: Hi-fi mode (fc=4Hz at fs=48kHz)
01: Voice mode 1 (fc=127 at
fs=16kHz)
10: Voice mode 2 (fc=130 at
fs=8kHz)
11: Voice mode 3 (fc=267Hz at
fs=8kHz)
(Note: fc scales with sample rate.
See Table 14 for cut-off frequencies
at all supported sample rates)
Table 13 ADC High Pass Filter
SAMPLE
FREQUENCY
(KHZ)
CUT-OFF FREQUENCY (HZ)
ADC_HPF_CUT
=00
ADC_HPF_CUT
=01
ADC_HPF_CUT
=10
ADC_HPF_CUT
=11
8.000
0.7
64
130
267
11.025
0.9
88
178
367
16.000
1.3
127
258
532
22.050
1.9
175
354
733
24.000
2.0
190
386
798
32.000
2.7
253
514
1063
44.100
3.7
348
707
1464
48.000
4.0
379
770
1594
Table 14 ADC High Pass Filter Cut-Off Frequencies
The high pass filter characteristics are shown in the “Digital Filter Characteristics” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com