Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
21
Figure 8 2-Wire Serial Control Interface (single write)
RW
Device ID
Sr
A
P
MSByte Data
(1)
LSByte Data
A
Device ID
S
A
Index
(0)
A
RW
A
Figure 9 2-Wire Serial Control Interface (single read)
Figure 10 2-Wire Serial Control Interface (multiple write using auto-increment)
Figure 11 2-Wire Serial Control Interface (multiple read using auto-increment)
A Write Sequencer allows register write sequences to be stored in an area of memory on the WM8961
and then triggered by another register write. This allows complex sequences of updates to the
WM8961 registers without the constant intervention of the processor. To use the write sequencer, an
MCLK must be present and CLK_SYS_ENA=1. Refer to section headed “Control Write Sequencer”
for operation of the Write Sequencer.
ALERT RESPONSES
By default WM8961 does not respond to Control interface alert response messages. This can be
enabled by setting the ARA_ENA bit as detailed in Table 3.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R252 (FCh)
General test 1
1
ARA_ENA
0
Alert Response Address Enable
0 : off
1 : on
0
AUTO_INC
1
Enable Auto-Increment
0 : off
1 : on
Table 3 Control Interface Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com