Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
13
Stereo Playback DAC to Headphones – Standard Headphone Playback with 16Ω load.
Test conditions
48kHz sample rate
Variant test conditions
AVDD
DVDD
SPKVDD
CPVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
mW
Quiescent
1.8
1.79
1.8
1.56
5.0
0.002
1.86
1.775
9.39
Po = 2mW/channel
1.8
1.79
1.8
1.57
5.0
0.002
1.8
22.46
46.5
Po = 16mW/channel
1.8
1.82
1.8
1.57
5.0
0.002
1.8
59.8
114
Stereo Playback DAC to Headphones – SNR Optimised Headphone Playback with 16Ω load.
Test conditions
48kHz sample rate
Variant test conditions
AVDD
DVDD
SPKVDD
CPVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
mW
Quiescent
1.8
2.1
1.8
1.72
5.0
0.002
1.8
1.46
9.52
Po = 2mW/channel
1.8
2.12
1.8
1.73
5.0
0.002
1.8
22.4
47.25
Po = 16mW/channel
1.8
2.14
1.8
1.73
5.0
0.002
1.8
59.4
114
Stereo Playback to Speaker - with 8.2Ω + 22uH load (see note 1).
Test conditions
48kHz sample rate
CLASSD_ACGAIN=111 (+12dB)
Variant test conditions
AVDD
DVDD
SPKVDD1+2
CPVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
Quiescent
1.8
2.418
1.8
1.385
5.0
1.16
1.8
0.004
12.65mW
Po = 200mW/channel
1.8
2.438
1.8
1.525
5.0
102
1.8
0.004
517mW
Po = 1W/channel
1.8
2.458
1.8
1.750
5.0
480
1.8
0.004
2.4W
Note:
1. The load inductance will affect the efficiency: the Class D output is generally less efficient when driving a less inductive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com