Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
7
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
DVDD and AVDD
-0.3V
+2.5V
MICVDD
-0.3V
+4.5V
SPKVDD1, SPKVDD2
-0.3V
+7.0V
CPVDD
-0.3V
+2.2V
Voltage range digital inputs
DGND -0.3V
DVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Voltage range analogue outputs (HP_L, HP_R)
-CPVDD-0.3V
+CPVDD+0.3V
Temperature Range, TA
-40
°C
+85
°C
Storage temperature after soldering
-65
°C
+150
°C
Notes
1.
Analogue, digital and speaker grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completely independent from each other (i.e. not internally connected).
3.
DVDD must be less than or equal to AVDD.
4.
AVDD must be less than or equal to MICVDD.
5.
AVDD must be less than or equal to SPKVDD1 and SPKVDD2.
6.
SPKVDD1 and SPKVDD2 must be high enough to support the peak output voltage when using ACGAIN function, to avoid
output waveform clipping. See the “Speaker Output Boost Control” section.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
1.62
1.8V
2.0
V
Microphone bias supply range
MICVDD
1.71
2.5V
3.6
V
Analogue supplies range
AVDD
1.71
1.8V
2.0
V
Charge pump supply range (1.8V
supply operation)
CPVDD
1.71
1.8V
2.0
V
Speaker supply range
SPKVDD1, SPKVDD2
2.7
5.0
5.5
V
Ground
DGND, AGND, CPGND,
SPKGND1, SPKGND2
0
V
Operating Temperature
-40
+25
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com