Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
Left Speaker
Volume
6:0
SPKLVOL
[6:0]
0000000
(MUTE)
SPK_LP/SPK_LN Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
7
SPKLZC
0
Left Speaker Zero Cross Enable
1 = Change gain on zero cross only
0 = Change gain immediately
8
SPKVU
0
Speaker Volume Update
0 = Store SPKLVOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = SPKLVOL, right = intermediate
latch)
R41 (29h)
Right Speaker
Volume
6:0
SPKRVOL
[6:0]
0000000
(MUTE)
SPK_RP/SPK_RN Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue MUTE
7
SPKRZC
0
Right Speaker Zero Cross Enable
1 = Change gain on zero cross only
0 = Change gain immediately
8
SPKVU
0
Speaker Volume Update
0 = Store SPKRVOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = intermediate latch, right =
SPKRVOL)
R26 (1Ah)
Pwr Mgmt (2)
4
SPKL_PGA
0
SPK_LP and SPK_LN left speaker PGA
Enable
3
SPKR_PGA
0
SPK_RP and SPK_RN right speaker
PGA Enable
Table 34 SPK_L/SPK_R Analogue Volume Control
SPEAKER OUTPUT BOOST CONTROL
The speaker output boost stage allows AVDD to be run at a lower voltage to save power, while
maximum output power can be delivered to the load, maximising the full range of SPKVDD1 and
SPKVDD2 supplies. It is controlled by CLASSD_ACGAIN[2:0].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R51 (33h)
Class D
Control 2
2:0
CLASSD_A
CGAIN
[2:0]
011
(1.68x)
AC Speaker Boost (Boosts speaker AC
output signal by up to 3.98 x on left and
right channels)
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12dB)
Note that +12dB setting will cause a full
scale output signal to clip.
Table 35 SPK_L/SPK_R Speaker Boost Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com