Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8961 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
73
SYSCLK
SYSCLK is derived directly from MCLK. It is either MCLK or MCLK/2. The CLK_SYS_ENA enables
the internal SYSCLK. The CLK_DSP_ENA allows the clock to the DSP, ADC and DAC to be disabled
(for power reduction) while peripheral functions continue to be clocked by SYSCLK.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Clocking1
2
MCLKDIV
0
SYSCLK configuration.
0 : SYSCLK = MCLK/1
1 : SYSCLK = MCLK/2
R8 (08h)
Clocking2
5
CLK_SYS_ENA
1
Enable system clock. Power saving feature to gate SYSTEM
clock. When this bit is enabled, an MCLK must be provided to
allow access to the control interface.
4
CLK_DSP_ENA
1
DSP clock enable. Power saving feature to gate clock to DSP
while allowing auxiliary functions to run.
Table 53 SYSCLK Configuration
ADC AND DAC CLOCKING AND SAMPLE RATES
The ADCDIV and DACDIV bits determine the ADC and DAC operating clock. The output of ADCDIV
should be configured to output a clock of 256fs. The 256fs output of ADCDIV is further divided such
that the ADC operates at 128fs.
The DAC should be configured to run at a clock frequency as close as possible to 3MHz. This
requires setting the DACDIV divider to output a clock of at least 64fs.
ADC Example
SYSCLK=12.288 MHz, and fs=24 kHz. Then ADCDIV should be set to 010 (SYSCLK/2)..
This defines the output of the ADCDIV as 256fs = (12.288 MHz /2) = 6.144 MHz.
This 6.144 MHz is further divided by 2 (ADC runs at 128fs) to drive the ADC. Further examples are
given in Table 55.
DAC Example
SYSCLK=11.2896 MHz and fs=44.1 kHz. Then DACDIV should be set to =100.
This defines the output of the DACDIV as 64fs = (11.2896 MHz /4) = 2.8224 MHz
Further examples are given in Table 55 (when both ADC and DAC used) and Table 56 (DAC only
use).
In master mode the output BCLK is controlled by BCLKDIV, and the LRC is controlled by
LRCLK_RATE. These are shown in Table 54 ADC, DAC and Master Mode BCLK and LRC Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com