Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet (PDF) - Wolfson Microelectronics plc

WM8960 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8960
Download  WM8960 Download
File Size   1292.79 Kbytes
Page   92 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications

WM8960 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8960 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8960
Download  WM8960 Click to download

File Size   1292.79 Kbytes
Page   92 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications

WM8960 Datasheet (HTML) - Wolfson Microelectronics plc


WM8960 Product details

DESCRIPTION
The WM8960 is a low power, high quality stereo CODEC designed for portable digital audio applications. Stereo class D speaker drivers provide 1W per channel into 8 loads with a 5V supply. Low leakage, excellent PSRR and pop/click suppression mechanisms also allow direct battery connection to the speaker supply. Flexible speaker boost settings allow speaker output power to be maximised while minimising other analogue supply currents.
A highly flexible input configuration for up to three stereo sources is integrated, with a complete microphone interface.
External component requirements are drastically reduced as no separate microphone, speaker or headphone amplifiers are required. Advanced on-chip digital signal processing performs automatic level control for the microphone or line input.
Stereo 24-bit sigma-delta ADCs and DACs are used with low power over-sampling digital interpolation and decimation filters and a flexible digital audio interface.
The master clock can be input directly or generated internally by an onboard PLL, supporting most commonly-used clocking schemes.

FEATURES
● DAC SNR 98dB (‘A’ weighted), THD -84dB at 48kHz, 3.3V
● ADC SNR 94dB (‘A’ weighted), THD -82dB at 48kHz, 3.3V
● Pop and click suppression
● 3D Enhancement
● Stereo Class D Speaker Driver
   - <0.1% THD with 1W per channel into 8 BTL speakers
   - 70dB PSRR @217Hz
   - 87% efficiency (1W output)
   - Flexible internal switching clock
● On-chip Headphone Driver
   - 40mW output power into 16 at 3.3V
   - Capless mode support
   - THD -75dB at 20mW, SNR 90dB with 16 load
● Microphone Interface
   - Pseudo differential for high noise immunity
   - Integrated low noise MICBIAS
   - Programmable ALC / Limiter and Noise Gate
● Low Power Consumption
● Low Supply Voltages
   - Analogue 2.7V to 3.6V (Speaker supply up to 5.5V)
   - Digital core and I/O: 1.71V to 3.6V
● On-chip PLL provides flexible clocking scheme
● Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48
● 5x5x0.9mm QFN package

APPLICATIONS
● Games consoles
● Portable media / DVD players
● Mobile multimedia




Similar Part No. - WM8960

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8960CGEFL CIRRUS-WM8960CGEFL Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960CGEFL/RV WOLFSON-WM8960CGEFL/RV Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960CGEFL/RV CIRRUS-WM8960CGEFL/RV Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960CGEFL/V WOLFSON-WM8960CGEFL/V Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
More results


Similar Description - WM8960

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Cirrus Logic
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com