Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8960 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
Production Data
WM8960
w
PD, August 2013, Rev 4.2
7
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = SPKVDD1 = SPKVDD2 = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB,
24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total Harmonic Distortion
THD
-3dBFs input,
AVDD = 3.3V
-89
0.004
dB
%
-3dBFs input,
AVDD = 2.7V
-81
0.009
Analogue Inputs (LINPUT2, RINPUT2) to ADC out
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 3.3V
84
94
dB
AVDD = 2.7V
93
Total Harmonic Distortion Plus
Noise
THD+N
-3dBFs input,
AVDD = 3.3V
-86
0.005
-80
dB
%
-3dBFs input,
AVDD = 2.7V
-80
0.01
Total Harmonic Distortion
THD
-3dBFs input,
AVDD = 3.3V
-89
0.004
-80
dB
%
-3dBFs input,
AVDD = 2.7V
-81
0.009
Analogue Inputs (LINPUT3, RINPUT3) to ADC out
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 3.3V
94
dB
AVDD = 2.7V
93
Total Harmonic Distortion Plus
Noise
THD+N
-3dBFs input,
AVDD = 3.3V
-86
0.005
dB
%
-3dBFs input,
AVDD = 2.7V
-80
0.01
Total Harmonic Distortion
THD
-3dBFs input,
AVDD = 3.3V
-89
0.004
dB
%
-3dBFs input,
AVDD = 2.7V
-81
0.009
Analogue Inputs (LINPUT1, RINPUT1, LINPUT2, RINPUT2, LINPUT3, RINPUT3) to ADC out
ADC Channel Separation
1kHz full scale signal into
ADC via L/RINPUT1, MIC
amp (single-ended) and
boost
95
dB
1kHz full scale signal into
ADC via L/RINPUT1/2,
MIC amp (pseudo-
differential) and boost
85
dB
1kHz full scale signal into
ADC via L/RINPUT2 and
boost
85
dB
1kHz full scale signal into
ADC via L/RINPUT3 and
boost
92
dB
Line Input / MIC Separation
(Quiescent input to ADC via
boost; Output on ADC;
1kHz on L/RINPUT3 to HP out
via bypass path)
Single-ended MIC input
on L/RINPUT1
98
dB
Differential MIC input
using L/RINPUT2
90
dB
Boost / Bypass Separation
(Quiescent L/RINPUT3 to HP
outputs via bypass)
1kHz on LINPUT2 to ADC
via boost only
96
dB
1kHz on LINPUT1 to ADC
via single-ended MIC
PGA & boost
116
dB
Channel Matching
1kHz signal
0.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com