Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8960 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
Production Data
WM8960
w
PD, August 2013, Rev 4.2
31
OUTPUT SIGNAL PATH
The hi-fi DACs and DAC digital filters are enabled by register bits DACL and DACR. The mixers and
output drivers can be separately enabled by individual control bits (see Analogue Outputs). Thus it is
possible to utilise the analogue mixing and amplification provided by the WM8960, irrespective of
whether the DACs are enabled or not.
The WM8960 DACs receive digital input data on the DACDAT pin. The digital filter block processes
the data to provide the following functions:
Digital volume control with soft mute and soft un-mute
Mono mix
3D stereo enhancement
De-emphasis
Sigma-delta modulation
High performance sigma-delta 24-bit audio DAC converts the digital data into an analogue signal.
The analogue outputs from the DACs can then be mixed with the analogue line inputs and the ADC
analogue inputs. This mix is fed to the output drivers for headphone or speaker output. OUT3 can
provide a mono mix of left and right mixers or a pseudo-ground for capless headphone drive.
DIGITAL PLAYBACK (DAC) PATH
Digital data is passed to the WM8960 via the flexible audio interface to the hi-fi DACs. The DACs are
enabled by the DACL and DACR register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R26 (1Ah)
Power
Management (2)
8
DACL
0
Left Channel DAC Enable
0 = DAC disabled
1 = DAC enabled
7
DACR
0
Right Channel DAC Enable
0 = DAC disabled
1 = DAC enabled
Table 14 DAC Enable Control
DIGITAL DAC VOLUME CONTROL
The signal volume from each DAC can be controlled digitally, in the same way as the ADC volume
(see Digital ADC Volume Control). The gain and attenuation range is –127dB to 0dB in 0.5dB steps.
The level of attenuation for an eight-bit code X is given by:
0.5
 (X-255) dB for 1  X  255;
MUTE for X = 0
The DACVU control bit controls the loading of digital volume control data. When DACVU is set to 0,
the LDACVOL or RDACVOL control data is loaded into an intermediate register, but the actual gain
does not change. Both left and right gain settings are updated simultaneously when DACVU is set to
1.
See "Volume Updates" for more information on volume update bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com