Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8960 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
Production Data
WM8960
w
PD, August 2013, Rev 4.2
61
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R52 (34h)
PLL N value
4
PLLPRESCALE
0
Divide MCLK by 2 before input to
PLL
0 = Divide by 1
1 = Divide by 2
3:0
PLLN
8h
Integer (N) part of PLL input/output
frequency ratio. Use values greater
than 5 and less than 13.
R53 (35h)
PLL K value
(1)
5:0
PLLK [23:16]
31h
Fractional (K) part of PLL1
input/output frequency ratio (treat as
one 24-digit binary number).
R54 (36h)
PLL K Value
(2)
8:0
PLLK [15:8]
26h
R55 (37h)
PLL K Value
(3)
8:0
PLLK [7:0]
E9h
Table 44 PLL Frequency Ratio Control
The PLL performs best when f2 is between 90MHz and 100MHz. Its stability peaks at N=8. Some
example settings are shown in Table 45.
MCLK
(MHz)
(f1)
DESIRED OUTPUT
(SYSCLK)
(MHz)
f2
(MHz)
R
N
K
12
11.2896
90.3168
1
2
4
7.5264
7h
86C226h
12
12.288
98.304
1
2
4
8.192
8h
3126E8h
13
11.2896
90.3168
1
2
4
6.947446
6h
F28BD4h
13
12.288
98.304
1
2
4
7.561846
7h
8FD525h
14.4
11.2896
90.3168
1
2
4
6.272
6h
45A1CAh
14.4
12.288
98.304
1
2
4
6.826667
6h
D3A06Eh
19.2
11.2896
90.3168
2
2
4
9.408
9h
6872AFh
19.2
12.288
98.304
2
2
4
10.24
Ah
3D70A3h
19.68
11.2896
90.3168
2
2
4
9.178537
9h
2DB492h
19.68
12.288
98.304
2
2
4
9.990243
9h
FD809Fh
19.8
11.2896
90.3168
2
2
4
9.122909
9h
1F76F7h
19.8
12.288
98.304
2
2
4
9.929697
9h
EE009Eh
24
11.2896
90.3168
2
2
4
7.5264
7h
86C226h
24
12.288
98.304
2
2
4
8.192
8h
3126E8h
26
11.2896
90.3168
2
2
4
6.947446
6h
F28BD4h
26
12.288
98.304
2
2
4
7.561846
7h
8FD525h
27
11.2896
90.3168
2
2
4
6.690133
6h
B0AC93h
27
12.288
98.304
2
2
4
7.281778
7h
482296h
Table 45 PLL Frequency Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com