Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8960 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Production Data
WM8960
w
PD, August 2013, Rev 4.2
11
TYPICAL POWER CONSUMPTION
DCVDD
(V)
DBVDD
(V)
SPKVDD
(V)
AVDD
(V)
DCVDD
(mA)
DBVDD
(mA)
SPKVDD
(mA)
AVDD
(mA)
Total Power
(mW)
1.71
1.71
2.7
2.7
0.00
0.00
0.00
0.03
0.08
1.8
1.8
3
3
0.00
0.00
0.00
0.03
0.10
1.8
3.3
3.3
3.3
0.00
0.00
0.00
0.03
0.11
3.6
3.6
5.5
3.6
0.00
0.00
0.00
0.03
0.13
1.71
1.71
2.7
2.7
0.00
0.00
0.00
0.01
0.02
1.8
1.8
3
3
0.00
0.00
0.00
0.01
0.03
1.8
3.3
3.3
3.3
0.00
0.00
0.00
0.01
0.03
3.6
3.6
5.5
3.6
0.00
0.00
0.00
0.01
0.04
1.71
1.71
2.7
2.7
0.00
0.00
0.00
0.03
0.09
1.8
1.8
3
3
0.00
0.00
0.00
0.04
0.11
1.8
3.3
3.3
3.3
0.00
0.00
0.00
0.04
0.12
3.6
3.6
5.5
3.6
0.00
0.00
0.00
0.04
0.13
OFF, SLEEP MODE
Sleep - Thermal sensors
enabled, VMID enabled using
250k VMID resistors
Off - Thermal sensor disabled,
no clocks
Off - Default state at power up
DCVDD
(V)
DBVDD
(V)
SPKVDD
(V)
AVDD
(V)
DCVDD
(mA)
DBVDD
(mA)
SPKVDD
(mA)
AVDD
(mA)
Total Power
(mW)
1.71
1.71
2.7
2.7
3.15
0.00
1.45
4.89
22.5
1.8
1.8
3
3
3.34
0.00
1.63
5.53
27.5
1.8
3.3
3.3
3.3
3.33
0.01
1.81
6.18
32.4
3.6
3.6
5.5
3.6
7.53
0.00
3.23
6.85
69.5
1.71
1.71
2.7
2.7
3.27
0.00
267
4.93
738.5
1.8
1.8
3
3
3.47
0.00
293
5.58
902.4
1.8
3.3
3.3
3.3
3.47
0.01
321
6.23
1085.6
3.6
3.6
5.5
3.6
8.76
0.01
511
6.54
2868.2
1.71
1.71
2.7
2.7
2.99
0.47
1.47
5.82
25.6
1.8
1.8
3
3
3.16
0.49
1.65
6.57
31.2
1.8
3.3
3.3
3.3
3.16
0.92
1.84
7.34
39.0
3.6
3.6
5.5
3.6
7.95
1.00
3.29
8.12
79.6
1.71
1.71
2.7
2.7
3.15
0.00
0.00
3.75
15.5
1.8
1.8
3
3
3.33
0.00
0.00
4.24
18.7
1.8
3.3
3.3
3.3
3.33
0.01
0.00
4.74
21.7
3.6
3.6
5.5
3.6
8.25
0.00
0.00
5.25
48.6
1.71
1.71
2.7
2.7
3.26
0.00
0.00
38.68
110.0
1.8
1.8
3
3
3.46
0.00
0.00
43.53
136.8
1.8
3.3
3.3
3.3
3.46
0.01
0.00
48.32
165.7
3.6
3.6
5.5
3.6
8.52
0.00
0.00
53.06
221.7
1.71
1.71
2.7
2.7
3.26
0.00
0.00
17.44
52.7
1.8
1.8
3
3
3.44
0.00
0.00
17.91
59.9
1.8
3.3
3.3
3.3
3.45
0.01
0.00
18.37
66.9
3.6
3.6
5.5
3.6
8.51
0.00
0.00
18.84
98.5
1.71
1.71
2.7
2.7
3.25
0.00
0.00
5.47
20.3
1.8
1.8
3
3
3.45
0.00
0.00
5.92
24.0
1.8
3.3
3.3
3.3
3.45
0.01
0.00
6.37
27.2
3.6
3.6
5.5
3.6
8.49
0.00
0.00
6.83
55.2
1.71
1.71
2.7
2.7
2.97
0.47
0.00
4.69
18.5
1.8
1.8
3
3
3.14
0.49
0.00
5.29
22.4
1.8
3.3
3.3
3.3
3.14
0.92
0.00
5.91
28.2
3.6
3.6
5.5
3.6
7.91
1.01
0.00
6.55
55.7
1.71
1.71
2.7
2.7
3.26
0.00
0.00
3.81
15.9
1.8
1.8
3
3
3.46
0.00
0.00
4.30
19.1
1.8
3.3
3.3
3.3
3.45
0.01
0.00
4.80
22.1
3.6
3.6
5.5
3.6
8.51
0.00
0.00
5.31
49.8
1.71
1.71
2.7
2.7
0.28
0.00
1.47
3.07
12.7
1.8
1.8
3
3
0.30
0.00
1.64
3.48
15.9
1.8
3.3
3.3
3.3
0.30
0.01
1.82
3.91
19.5
3.6
3.6
5.5
3.6
0.76
0.00
3.27
4.35
36.4
1.71
1.71
2.7
2.7
0.00
0.00
0.00
1.84
5.0
1.8
1.8
3
3
0.00
0.00
0.00
2.09
6.3
1.8
3.3
3.3
3.3
0.00
0.00
0.00
2.36
7.8
3.6
3.6
5.5
3.6
0.00
0.00
0.00
2.62
9.5
Bypass Mode - Stereo playback
bypassing ADC and DAC to
16Ohm HP (no signal)
Bypass Mode - Stereo playback
bypassing ADC and DAC to
Class D 8Ohm speaker (no
signal)
Playback Mode - Playback to
10kOhm HP, slave mode (0dB
FS 1kHz signal)
Playback Mode - Playback to
16Ohm HP, master mode, PLL
enabled (no signal)
Playback Mode - Playback to
16Ohm HP, slave mode.
(0.1mW/channel output)
Playback Mode - Playback to
16Ohm HP, slave mode
(5mW/channel output)
Playback Mode - Playback to
8Ohm speakers, slave mode (no
signal)
PLAYBACK MODE
Playback Mode - Playback to
8Ohm speakers, slave mode
(0dB FS 1kHz signal)
Playback Mode - Playback to
8Ohm speakers, master mode,
PLL enabled (no signal)
Playback Mode - Playback to
16Ohm HP, slave mode. No
Signal
Playback Mode - Playback to
16Ohm HP, slave mode (0dB FS
1kHz signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com