Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8960 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
Production Data
WM8960
w
PD, August 2013, Rev 4.2
77
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
3
BUFIOEN
0
Enables the VGS / R current generator and the
analogue input and output bias
0 = Disabled
1 = Enabled
2
SOFT_ST
0
Enables VMID soft start
0 = Disabled
1 = Enabled
1
0
Reserved
0
HPSTBY
0
Headphone Amplifier Standby
0 = Standby mode disabled (Normal operation)
1 = Standby mode enabled
R29 (1Dh)
Anti-pop 2
8:7
00
Reserved
6
DISOP
0
Discharges the DC-blocking headphone
capacitors on HP_L and HP_R
0 = Disabled
1 = Enabled
5:4
DRES[1:0]
00
DRES determines the value of the resistors used
to discharge the DC-blocking headphone
capacitors when DISOP=1
DRES[1:0]
Resistance (Ohms)
0
0
400
0
1
200
1
0
600
1
1
150
3:0
0000
Reserved
R30 (1Eh)
8:0
000000000
Reserved
R31 (1Fh)
8:0
000000000
Reserved
R32 (20h)
ADCL
Signal
Path
8
LMN1
1
Connect LINPUT1 to inverting input of Left Input
PGA
0 = LINPUT1 not connected to PGA
1 = LINPUT1 connected to PGA
Input Signal
Path
7
LMP3
0
Connect LINPUT3 to non-inverting input of Left
Input PGA
0 = LINPUT3 not connected to PGA
1 = LINPUT3 connected to PGA (Constant input
impedance)
Input Signal
Path
6
LMP2
0
Connect LINPUT2 to non-inverting input of Left
Input PGA
0 = LINPUT2 not connected to PGA
1 = LINPUT2 connected to PGA (Constant input
impedance)
Input Signal
Path
5:4
LMICBOOST[1:0]
00
Left Channel Input PGA Boost Gain
00 = +0dB
01 = +13dB
10 = +20dB
11 = +29dB
Input Signal
Path
3
LMIC2B
0
Connect Left Input PGA to Left Input Boost Mixer
0 = Not connected
1 = Connected
Input Signal
Path
2:0
000
Reserved
R33 (21h)
ADCR
Signal
Path
8
RMN1
1
Connect RINPUT1 to inverting input of Right
Input PGA
0 = RINPUT1 not connected to PGA
1 = RINPUT1 connected to PGA
Input Signal
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com