Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8960 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
Production Data
WM8960
w
PD, August 2013, Rev 4.2
41
ENABLING THE OUTPUTS
Each analogue output of the WM8960 can be independently enabled or disabled. The analogue mixer
associated with each output is powered on or off along with the output pin. All outputs are disabled by
default. To save power, unused outputs should remain disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R26 (1Ah)
Power
Management
(2)
6
LOUT1
0
LOUT1 Output Enable
5
ROUT1
0
ROUT1 Output Enable
4
SPKL
0
SPK_LP and SPK_LN Volume Control
Enable
3
SPKR
0
SPK_RP and SPK_RN Volume Control
Enable
1
OUT3
0
OUT3 Enable
R49 (31h)
Class D
Control (1)
7:6
SPK_OP_EN
[1:0]
00
Enable Class D Speaker Outputs
00 = Off
01 = Left speaker only
10 = Right speaker only
11 = Left and right speakers enabled
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 26 Analogue Output Control
The speaker output enable bits SPK_OP_EN[1:0] should not be enabled until there is a valid
switching clock to drive the class D outputs. This means that SYSCLK must be active, and DCLKDIV
set to an appropriate value to produce a class D clock of between 700kHz and 800kHz for best
performance (See "Class D Speaker Outputs" and "Clocking and Sample Rates" sections for more
information).
Whenever an analogue output is disabled, it remains connected to VREF through a resistor. This
helps to prevent pop noise when the output is re-enabled. The resistance between VREF and each
output can be controlled using the VROI bit in register 27. If a high impedance is desired for disabled
outputs, VROI can then be set to 1, increasing the resistance to about 20k
.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27 (1Bh)
Additional (1)
6
VROI
0
VREF to Analogue Output Resistance
(Disabled Outputs)
0 = 500
 VMID to output
1 = 20k
 VMID to output
Table 27 Disabled Outputs to VREF Resistance
HEADPHONE OUTPUT
Analogue outputs HP_L/HP_R, and OUT3, can drive a 16
 or 32 headphone load, either through
DC blocking capacitors, or DC coupled without any capacitor.
Headphone Output using DC blocking capacitors
DC Coupled Headphone Output
(L2MO=0; R2MO=0)
Figure 15 Recommended Headphone Output Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com