Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8960 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
WM8960
Production Data
w
PD, August 2013, Rev 4.2
56
LOOPBACK
Setting the LOOPBACK register bit enables digital loopback. When this bit is set the output data from
the ADC audio interface is fed directly into the DAC data input.
The ADCs and DACs must both use DACLRC when loopback is enabled. This is enabled by setting
register bit ALRCGPIO = 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
Audio
Interface
0
LOOPBACK
0
Digital Loopback Function
0 = No loopback.
1 = Loopback enabled, ADC data output
is fed directly into DAC data input.
Table 38 Loopback Control
CLOCKING AND SAMPLE RATES
Figure 36 Clocking Scheme
Clocks for the ADCs and DACs, the DSP core functions, the digital audio interface and the class D
outputs are all derived from SYSCLK as show in Figure 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com