Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8960 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
WM8960
Production Data
w
PD, August 2013, Rev 4.2
12
DCVDD
(V)
DBVDD
(V)
SPKVDD
(V)
AVDD
(V)
DCVDD
(mA)
DBVDD
(mA)
SPKVDD
(mA)
AVDD
(mA)
Total Power
(mW)
1.71
1.71
2.7
2.7
1.10
0.01
0.00
5.84
17.7
1.8
1.8
3
3
1.17
0.01
0.00
6.24
20.8
1.8
3.3
3.3
3.3
1.17
0.01
0.00
6.64
24.1
3.6
3.6
5.5
3.6
2.92
0.01
0.00
7.05
35.9
1.71
1.71
2.7
2.7
2.99
0.01
0.00
5.99
21.3
1.8
1.8
3
3
3.19
0.01
0.00
6.41
25.0
1.8
3.3
3.3
3.3
3.19
0.03
0.00
6.83
28.4
3.6
3.6
5.5
3.6
7.94
0.02
0.00
7.26
54.8
1.71
1.71
2.7
2.7
3.27
0.02
0.00
6.01
21.9
1.8
1.8
3
3
3.47
0.02
0.00
6.44
25.6
1.8
3.3
3.3
3.3
3.47
0.03
0.00
6.86
29.0
3.6
3.6
5.5
3.6
8.63
0.03
0.00
7.29
57.4
1.71
1.71
2.7
2.7
3.01
0.01
0.00
5.99
21.4
1.8
1.8
3
3
3.20
0.02
0.00
6.41
25.0
1.8
3.3
3.3
3.3
3.20
0.03
0.00
6.84
28.4
3.6
3.6
5.5
3.6
7.97
0.03
0.00
7.27
54.9
RECORD MODE
Record Mode - Stereo I/P into
ADC sampling at 16kHz (no
signal)
Record Mode - Stereo I/P into
ADC sampling at 44.1kHz (no
signal)
Record Mode - Stereo I/P into
ADC sampling at 48kHz (no
signal)
Record Mode - Stereo I/P into
ADC sampling at 44.1kHz with
ALC enabled (no signal)
Note:
1. Power in the load is included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com