Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8960 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
w
WM8960
Stereo CODEC with 1W Stereo Class D Speaker Drivers and
Headphone Drivers for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
Production Data, August 2013, Rev 4.2
Copyright
2013 Wolfson Microelectronics plc
CONTROL
INTERFACE
MICBIAS
DCVDD
DBVDD
DGND
DAC
-73 to 6dB
1dB steps,
mute
HP_L
HP_R
ADCREF,
DACREF
50K
50K
DAC
DIGITAL AUDIO
INTERFACE
A-law and u-law support
ADC
ADC
PLL
LINPUT2
LINPUT1
LEFT
MIXER
RIGHT
MIXER
RINPUT1
ADC
DIGITAL
FILTERS
ALC
VOLUME
-17.25 to +30dB,
0.75dB steps
INPUT
PGAs
OUT3
LINPUT3/
JD2
RINPUT3/
JD3
0, 13, 20,
29dB,
mute
+
-
vmid
+
-12 -> 6dB,
3dB steps,
mute
-17.25 to +30dB,
0.75dB steps
0, 13, 20,
29dB,
mute
+
-
vmid
+
-12 -> 6dB,
3dB steps,
mute
RINPUT2
SPK_LP
SPK_LN
SPK_RP
SPK_RN
SPKGND1
SPKVDD1
MONO
MIXER
0 to -21dB,
3dB steps
0 to -21dB,
3dB steps
0 to -21dB,
3dB steps
0 to -21dB,
3dB steps
-73 to 6dB
1dB steps,
mute
0dB / -6dB
-73 to 6dB
1dB steps,
mute
+BOOST
CLASS D
CLASS D
-73 to 6dB
1dB steps,
mute
+BOOST
DAC
DIGITAL
FILTERS
DE-
EMPHASIS
3D ENHANCE
VOLUME
-12 -> 6dB,
3dB steps,
mute
-12 -> 6dB,
3dB steps,
mute
Jack Detect
Jack Detect
GPIO1
SPKGND2
SPKVDD2
W
WM8960
DESCRIPTION
The WM8960 is a low power, high quality stereo CODEC
designed for portable digital audio applications.
Stereo class D speaker drivers provide 1W per channel into 8
loads with a 5V supply. Low leakage, excellent PSRR and
pop/click suppression mechanisms also allow direct battery
connection to the speaker supply. Flexible speaker boost
settings allow speaker output power to be maximised while
minimising other analogue supply currents.
A highly flexible input configuration for up to three stereo
sources is integrated, with a complete microphone interface.
External component requirements are drastically reduced as no
separate microphone, speaker or headphone amplifiers are
required. Advanced on-chip digital signal processing performs
automatic level control for the microphone or line input.
Stereo 24-bit sigma-delta ADCs and DACs are used with low
power over-sampling digital interpolation and decimation filters
and a flexible digital audio interface.
The master clock can be input directly or generated internally by
an onboard PLL, supporting most commonly-used clocking
schemes.
The WM8960 operates at analogue supply voltages down to
2.7V, although the digital supplies can operate at voltages down
to 1.71V to save power. The speaker supply can operate at up
to 5.5V, providing 1W per channel into 8
 loads. Unused
functions can be disabled using software control to save power.
The WM8960 is supplied in a very small and thin 5x5mm QFN
package, ideal for use in hand-held and portable systems.
FEATURES
DAC SNR 98dB (‘A’ weighted), THD -84dB at 48kHz, 3.3V
ADC SNR 94dB (‘A’ weighted), THD -82dB at 48kHz, 3.3V
Pop and click suppression
3D Enhancement
Stereo Class D Speaker Driver
-
<0.1% THD with 1W per channel into 8
 BTL speakers
-
70dB PSRR @217Hz
-
87% efficiency (1W output)
-
Flexible internal switching clock
On-chip Headphone Driver
-
40mW output power into 16
 at 3.3V
-
Capless mode support
-
THD -75dB at 20mW, SNR 90dB with 16
 load
Microphone Interface
-
Pseudo differential for high noise immunity
-
Integrated low noise MICBIAS
-
Programmable ALC / Limiter and Noise Gate
Low Power Consumption
Low Supply Voltages
-
Analogue 2.7V to 3.6V (Speaker supply up to 5.5V)
-
Digital core and I/O: 1.71V to 3.6V
On-chip PLL provides flexible clocking scheme
Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48
5x5x0.9mm QFN package
APPLICATIONS
Games consoles
Portable media / DVD players
Mobile multimedia


Similar Part No. - WM8960

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8960CGEFL CIRRUS-WM8960CGEFL Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960CGEFL/RV WOLFSON-WM8960CGEFL/RV Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960CGEFL/RV CIRRUS-WM8960CGEFL/RV Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960CGEFL/V WOLFSON-WM8960CGEFL/V Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
More results

Similar Description - WM8960

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
logo
Cirrus Logic
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com