Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960 Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8960 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8960 Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
WM8960
Production Data
w
PD, August 2013, Rev 4.2
72
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R10 (0Ah)
Left DAC
Volume
8
DACVU
N/A
DAC Volume Update
Writing a 1 to this bit will cause left and right
DAC volumes to be updated (LDACVOL and
RDACVOL)
Output Signal
Path
7:0
LDACVOL[7:0]
11111111
Left DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Output Signal
Path
R11 (0Bh)
Right DAC
Volume
8
DACVU
N/A
DAC Volume Update
Writing a 1 to this bit will cause left and right
DAC volumes to be updated (LDACVOL and
RDACVOL)
Output Signal
Path
7:0
RDACVOL[7:0]
11111111
Right DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Output Signal
Path
R12 (0Ch)
8:0
000000000
Reserved
R13 (0Dh)
8:0
000000000
Reserved
R14 (0Eh)
8:0
000000000
Reserved
R15 (0Fh)
Reset
8:0
Reset
N/A
Writing to this register resets all registers to their
default state.
R16 {10h)
3D Control
8
0
Reserved
7
0
Reserved
6
3DUC
0
3D Enhance Filter Upper Cut-Off Frequency
0 = High (Recommended for fs>=32kHz)
1 = Low (Recommended for fs<32kHz)
Output Signal
Path
5
3DLC
0
3D Enhance Filter Lower Cut-Off Frequency
0 = Low (Recommended for fs>=32kHz)
1 = High (Recommended for fs<32kHz)
Output Signal
Path
4:1
3DDEPTH[3:0]
0000
3D Stereo Depth
0000 = 0% (minimum 3D effect)
0001 = 6.67%
....
1110 = 93.3%
1111 = 100% (maximum 3D effect)
Output Signal
Path
0
3DEN
0
3D Stereo Enhancement Enable
0 = Disabled
1 = Enabled
Output Signal
Path
R17 (11h)
ALC (1)
8:7
ALCSEL[1:0]
00
ALC Function Select
00 = ALC off (PGA gain set by register)
01 = Right channel only
10 = Left channel only
11 = Stereo (PGA registers unused) Note:
ensure that LINVOL and RINVOL settings
(reg. 0 and 1) are the same before entering
this mode.
Automatic Level
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com