Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD127 Datasheet (PDF) - Motorola, Inc

MJD127 Datasheet PDF - Motorola, Inc
Part # MJD127
Download  MJD127 Download
File Size   284.04 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT

MJD127 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD127 Datasheet PDF - Motorola, Inc

Part # MJD127
Download  MJD127 Click to download

File Size   284.04 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT

MJD127 Datasheet (HTML) - Motorola, Inc


MJD127 Product details

Designed for general purpose amplifier and low speed switching applications.



• Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)

• Straight Lead Version in Plastic Sleeves (“–1” Suffix)

• Lead Formed Version Available in 16 mm Tape and Reel (“T4” Suffix)

• Surface Mount Replacements for 2N6040–2N6045 Series, TIP120–TIP122 Series, and TIP125–TIP127 Series

• Monolithic Construction With Built–in Base–Emitter Shunt Resistors

• High DC Current Gain — hFE = 2500 (Typ) @ IC = 4.0 Adc

• Complementary Pairs Simplifies Designs



 




Similar Part No. - MJD127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD127 ONSEMI-MJD127 Datasheet
284Kb / 8P
Complementary Darlington Power Transistors
1995 REV 1
logo
STMicroelectronics
MJD127 STMICROELECTRONICS-MJD127 Datasheet
81Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jan-1999
logo
Samsung semiconductor
MJD127 SAMSUNG-MJD127 Datasheet
194Kb / 3P
PNP (D-PACK FOR SURFACE MOUNT APPLICATIONS)
logo
Fairchild Semiconductor
MJD127 FAIRCHILD-MJD127 Datasheet
137Kb / 8P
Complementary Darlington Power Transistors
MJD127 FAIRCHILD-MJD127 Datasheet
51Kb / 5P
D-PAK for Surface Mount Applications
More results


Similar Description - MJD127

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE18206 MOTOROLA-MJE18206 Datasheet
504Kb / 12P
POWER TRANSISTORS 8 AMPERES 1200 VOLTS 40 and 100 WATTS
MJE18604D2 MOTOROLA-MJE18604D2 Datasheet
217Kb / 6P
POWER TRANSISTORS 3 AMPERES 1600 VOLTS 100 WATTS
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJD44H11 ONSEMI-MJD44H11_13 Datasheet
132Kb / 8P
Complementary Power Transistors SILICON POWER TRANSISTORS 8 AMPERES
September, 2013 ??Rev. 16
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com