Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9841A Datasheet (PDF) - Analog Devices

AD9841A Datasheet PDF - Analog Devices
Part # AD9841A
Download  AD9841A Download
File Size   272.27 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 20 MSPS CCD Signal Processors

AD9841A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9841A Datasheet PDF - Analog Devices

Part # AD9841A
Download  AD9841A Click to download

File Size   272.27 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 20 MSPS CCD Signal Processors

AD9841A Datasheet (HTML) - Analog Devices


AD9841A Product details

PRODUCT DESCRIPTION
The AD9841A and AD9842A are complete analog signal processors for CCD applications. Both products feature a 20 MHz single-channel architecture designed to sample and condition the outputs of interlaced and progressive scan area CCD arrays. The AD9841A/AD9842A’s signal chain consists of an input clamp, correlated double sampler (CDS), Pixel Gain Amplifier (PxGA), digitally controlled variable gain amplifier (VGA), black level clamp, and A/D converter. The AD9841A offers 10-bit ADC resolution, while the AD9842A contains a true 12-bit ADC. Additional input modes are provided for processing analog video signals.
The internal registers are programmed through a 3-wire serial digital interface. Programmable features include gain adjustment, black level adjustment, input configuration, and power-down modes. The AD9841A and AD9842A operate from a single 3 V power supply, typically dissipate 78 mW, and are packaged in a 48- lead LQFP.

FEATURES
   20 MSPS Correlated Double Sampler (CDS)
   4 dB ± 6 dB 6-Bit Pixel Gain Amplifier (PxGA®)
   2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
   Low Noise Clamp Circuits
   Analog Preblanking Function
   10-Bit (9841) or 12-Bit (9842) 20 MSPS A/D Converter
   Auxiliary Inputs with VGA and Input Clamp
   3-Wire Serial Digital Interface
   3 V Single Supply Operation
   Low Power: 65 mW @ 2.7 V Supply
   48-Lead LQFP Package

APPLICATIONS
   Digital Still Cameras
   Digital Video Camcorders




Similar Part No. - AD9841A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9841A AD-AD9841A_15 Datasheet
292Kb / 23P
Complete 20 MSPS CCD Signal Processors
REV. 0
More results


Similar Description - AD9841A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9807 AD-AD9807 Datasheet
240Kb / 24P
Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV.0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV.0
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9824 AD-AD9824_15 Datasheet
439Kb / 24P
Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9841A AD-AD9841A_15 Datasheet
292Kb / 23P
Complete 20 MSPS CCD Signal Processors
REV. 0
AD9842A AD-AD9842A_15 Datasheet
292Kb / 23P
Complete 20 MSPS CCD Signal Processors
REV. 0
AD9843A AD-AD9843A_15 Datasheet
162Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com