Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9841A Datasheet(PDF) 1 Page - Analog Devices

Part # AD9841A
Description  Complete 20 MSPS CCD Signal Processors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9841A Datasheet(HTML) 1 Page - Analog Devices

  AD9841A Datasheet HTML 1Page - Analog Devices AD9841A Datasheet HTML 2Page - Analog Devices AD9841A Datasheet HTML 3Page - Analog Devices AD9841A Datasheet HTML 4Page - Analog Devices AD9841A Datasheet HTML 5Page - Analog Devices AD9841A Datasheet HTML 6Page - Analog Devices AD9841A Datasheet HTML 7Page - Analog Devices AD9841A Datasheet HTML 8Page - Analog Devices AD9841A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9841A/AD9842A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Complete 20 MSPS
CCD Signal Processors
FUNCTIONAL BLOCK DIAGRAM
DATACLK
SHD
SHP
BANDGAP
REFERENCE
2:1
MUX
DOUT
AUX2IN
CLPDM
CCDIN
OFFSET
DAC
PBLK
AUX1IN
VRT
VRB
INTERNAL
TIMING
INTERNAL
BIAS
2dB–36dB
AVDD
DVDD
DVSS
AVSS
DRVDD
DRVSS
10
8
CML
DIGITAL
INTERFACE
SDATA
SCK
SL
CLPOB
10/12
CDS
VGA
CLP
BUF
2:1
MUX
CLP
AD9841A/AD9842A
CONTROL
REGISTERS
CLP
ADC
4dB
6dB
COLOR
STEERING
HD
VD
PxGA
6
FEATURES
20 MSPS Correlated Double Sampler (CDS)
4 dB
6 dB 6-Bit Pixel Gain Amplifier (
PxGA®)
2 dB to 36 dB 10-Bit Variable Gain Amplifier (VGA)
Low Noise Clamp Circuits
Analog Preblanking Function
10-Bit (9841) or 12-Bit (9842) 20 MSPS A/D Converter
Auxiliary Inputs with VGA and Input Clamp
3-Wire Serial Digital Interface
3 V Single Supply Operation
Low Power: 65 mW @ 2.7 V Supply
48-Lead LQFP Package
APPLICATIONS
Digital Still Cameras
Digital Video Camcorders
PRODUCT DESCRIPTION
The AD9841A and AD9842A are complete analog signal proces-
sors for CCD applications. Both products feature a 20 MHz
single-channel architecture designed to sample and condition
the outputs of interlaced and progressive scan area CCD arrays.
The AD9841A/AD9842A’s signal chain consists of an input
clamp, correlated double sampler (CDS), Pixel Gain Amplifier
(PxGA), digitally controlled variable gain amplifier (VGA),
black level clamp, and A/D converter. The AD9841A offers 10-bit
ADC resolution, while the AD9842A contains a true 12-bit
ADC. Additional input modes are provided for processing analog
video signals.
The internal registers are programmed through a 3-wire serial
digital interface. Programmable features include gain adjustment,
black level adjustment, input configuration, and power-down modes.
The AD9841A and AD9842A operate from a single 3 V power
supply, typically dissipate 78 mW, and are packaged in a 48-
lead LQFP.
PxGA is a registered trademark of Analog Devices, Inc.


Similar Part No. - AD9841A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9841A AD-AD9841A_15 Datasheet
292Kb / 23P
Complete 20 MSPS CCD Signal Processors
REV. 0
More results

Similar Description - AD9841A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9807 AD-AD9807 Datasheet
240Kb / 24P
Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV.0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV.0
AD9844A AD-AD9844A Datasheet
169Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV.0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9824 AD-AD9824_15 Datasheet
439Kb / 24P
Complete 14-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9841A AD-AD9841A_15 Datasheet
292Kb / 23P
Complete 20 MSPS CCD Signal Processors
REV. 0
AD9842A AD-AD9842A_15 Datasheet
292Kb / 23P
Complete 20 MSPS CCD Signal Processors
REV. 0
AD9843A AD-AD9843A_15 Datasheet
162Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9844A AD-AD9844A_15 Datasheet
161Kb / 16P
Complete 12-Bit 20 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com