Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG704 Datasheet (PDF) - Analog Devices

ADG704 Datasheet PDF - Analog Devices
Part # ADG704
Download  ADG704 Download
File Size   107.92 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm, 4-Channel Multiplexer

ADG704 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG704 Datasheet PDF - Analog Devices

Part # ADG704
Download  ADG704 Click to download

File Size   107.92 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 4 ohm, 4-Channel Multiplexer

ADG704 Datasheet (HTML) - Analog Devices


ADG704 Product details

GENERAL DESCRIPTION

The ADG704 is a CMOS analog multiplexer, comprising four single channels. This multiplexer is designed on an advanced submicron process that provides low power dissipation yet gives high switching speed, low on resistance, low leakage currents and high bandwidths.

The on resistance profile is very flat over the full analog signal range. This ensures excellent linearity and low distortion when switching audio signals. Fast switching speed also makes the part suitable for video signal switching.



PRODUCT HIGHLIGHTS

1. +1.8 V to +5.5 V Single Supply Operation.

   The ADG704 offers high performance and is fully specified and guaranteed with +3 V and +5 V supply rails.

2. Very Low RON (4.5 Ω Max at 5 V, 8 Ω Max at 3 V).

   At supply voltage of +1.8 V, RON is typically 35 Ω over the temperature range.

3. Low On-Resistance Flatness.

4. –3 dB Bandwidth Greater than 200 MHz.

5. Low Power Dissipation.

   CMOS construction ensures low power dissipation.

6. Fast tON/tOFF.

7. Break-Before-Make Switching Action.

8. 10-Lead µSOIC Package.



FEATURES

  +1.8 V to +5.5 V Single Supply

  2.5 V (Typ) On Resistance

  Low On-Resistance Flatness

  –3 dB Bandwidth >200 MHz

  Rail-to-Rail Operation

  10-Lead mSOIC Package

  Fast Switching Times

     tON 20 ns

     tOFF 13 ns

  Typical Power Consumption (<0.01 mW)

  TTL/CMOS Compatible



APPLICATIONS

  Battery Powered Systems

  Communication Systems

  Sample-and-Hold Systems

  Audio Signal Routing

  Data Acquisition System

  Video Switching



 




Similar Part No. - ADG704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG704BRMZ AD-ADG704BRMZ Datasheet
116Kb / 8P
CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
ADG704BRMZ-REEL7 AD-ADG704BRMZ-REEL7 Datasheet
116Kb / 8P
CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
ADG704 AD-ADG704_15 Datasheet
116Kb / 8P
4-Channel Multiplexer
REV. A
More results


Similar Description - ADG704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708 AD-ADG708 Datasheet
142Kb / 12P
CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
REV.0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
CMOS Low Voltage 4 ohm Quad SPST Switches
REV.0
ADG719 AD-ADG719 Datasheet
117Kb / 8P
CMOS Low Voltage 4 ohm SPDT Switch
REV.A
logo
Maxim Integrated Produc...
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
MAX4734 MAXIM-MAX4734 Datasheet
328Kb / 11P
0.8?? Low-Voltage, 4-Channel Analog Multiplexer
Rev 0; 4/02
logo
List of Unclassifed Man...
AAM3104 ETC2-AAM3104 Datasheet
217Kb / 6P
ULTRA LOW POWER, 4-CHANNEL CMOS ANALOG MULTIPLEXER
logo
Maxim Integrated Produc...
MAX4634 MAXIM-MAX4634_09 Datasheet
123Kb / 10P
Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
logo
Analog Devices
ADG704BRMZ AD-ADG704BRMZ Datasheet
116Kb / 8P
CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
ADG704BRMZ-REEL7 AD-ADG704BRMZ-REEL7 Datasheet
116Kb / 8P
CMOS Low Voltage 4 V, 4-Channel Multiplexer
REV. A
logo
Maxim Integrated Produc...
MAX4634EUB-T MAXIM-MAX4634EUB-T Datasheet
123Kb / 10P
Fast, Low-Voltage, 4Ω, 4-Channel CMOS Analog Multiplexer
Rev 3; 2/09
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com