Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW410 Datasheet (PDF) - Alpha & Omega Semiconductors

AOW410 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOW410
Download  AOW410 Download
File Size   259.8 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOW410 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOW410 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOW410
Download  AOW410 Click to download

File Size   259.8 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOW410 Datasheet (HTML) - Alpha & Omega Semiconductors


AOW410 Product details

General Description
The AOW410 is fabricated with SDMOSTM trench technology that combines excellent RDS(ON) with low gate charge & low Qrr.The result is outstanding efficiency with controlled switching behavior. This universal technology is well suited for PWM, load switching and general purpose applications.

Product Summary
    VDS                                    100V
    ID (at VGS=10V)                150A
    RDS(ON) (at VGS=10V) < 6.5mΩ
    RDS(ON) (at VGS= 7V)  < 7.5mΩ

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOW410

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW410 ISC-AOW410 Datasheet
327Kb / 2P
isc N-Channel MOSFET Transistor
logo
IDEC Corporation
AOW410-B IDEC-AOW410-B Datasheet
3Mb / 41P
Honeywell ZephyrTM Digital Airflow Sensors
AOW410-G IDEC-AOW410-G Datasheet
3Mb / 41P
Honeywell ZephyrTM Digital Airflow Sensors
AOW410-R IDEC-AOW410-R Datasheet
3Mb / 41P
Honeywell ZephyrTM Digital Airflow Sensors
AOW410-S IDEC-AOW410-S Datasheet
3Mb / 41P
Honeywell ZephyrTM Digital Airflow Sensors
More results


Similar Description - AOW410

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com