Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM869L Datasheet (PDF) - Analog Devices

ADM869L Datasheet PDF - Analog Devices
Part # ADM869L
Download  ADM869L Download
File Size   124.11 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown

ADM869L Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM869L Datasheet PDF - Analog Devices

Part # ADM869L
Download  ADM869L Click to download

File Size   124.11 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown

ADM869L Datasheet (HTML) - Analog Devices


ADM869L Product details

GENERAL DESCRIPTION
The ADM869L is a logic controlled P-channel switch with low on resistance, capable of sourcing up to 2 A from supply voltages between 2.7 V and 5.5 V. A user-settable current limit allows the trip current to be set between 400 mA and 2 A with an accuracy of ±21%. This allows the system power supply to be protected against short circuits and surge currents in peripheral loads powered via the ADM869L. Over-current and over temperature conditions are signalled by a FAULT output.
The ADM869L also offers low quiescent current of typically 12 µA and shutdown current of typically 10 nA.

FEATURES
   2 A Load Current
   45 mΩ On Resistance
   User-Settable Current Limit
   12 μA Typical Quiescent Current
   10 nA Typical Shutdown Current
   40 nA Typical Switch Off Leakage
   Short-Circuit Protection
   Thermal Shutdown
   FAULT Output
   Small, 16-Lead QSOP Package

APPLICATIONS
   Desktop Computers
   Palmtop Computers
   Notebook Computers
   Hand-Held Instruments
   Universal Serial Bus (USB)




Similar Part No. - ADM869L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM869L AD-ADM869L_15 Datasheet
211Kb / 8P
2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. B
More results


Similar Description - ADM869L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
logo
STMicroelectronics
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
1.2 A current limited high side power switch with thermal shutdown
01-Dec-2007
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
logo
Maxim Integrated Produc...
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
logo
Analog Devices
ADM869L AD-ADM869L_15 Datasheet
211Kb / 8P
2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. B
logo
Maxim Integrated Produc...
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com