Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM869L Datasheet(PDF) 6 Page - Analog Devices

Part # ADM869L
Description  2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM869L Datasheet(HTML) 6 Page - Analog Devices

  ADM869L Datasheet HTML 1Page - Analog Devices ADM869L Datasheet HTML 2Page - Analog Devices ADM869L Datasheet HTML 3Page - Analog Devices ADM869L Datasheet HTML 4Page - Analog Devices ADM869L Datasheet HTML 5Page - Analog Devices ADM869L Datasheet HTML 6Page - Analog Devices ADM869L Datasheet HTML 7Page - Analog Devices ADM869L Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
ADM869L
–6–
CH3
CH1
5.00V CH2 2.00V M 500 s CH1
3.1V
4
2
1
100mV CH4 2.00V
3
T
T
T
VON
VOUT
IOUT, 0.5A/DIV
VFAULT
TPC 16. USB Circuit Output Fall Time
CH1
5.00V CH2 5.00V M 20.0 s CH3
120mV
VFAULT, 5V/DIV
IOUT, 4A/DIV
VOUT, 5V/DIV
VIN, 5V/DIV
4
3
2
1
CIN = 100 F
COUT = 0.1 F
RLOAD = 1.0
TPC 10. Fast Current-Limit Response
VFAULT, 5V/DIV
IOUT, 2A/DIV
VOUT, 5V/DIV
VIN, 5V/DIV
4
2
1
3
CH3
CH1 5.00V
CH2 5.00V M 50.0 s CH3
64mV
100mV
CH4 5.00V
B
W
T
T
T
TPC 11. Slow Current-Limit Response
IOUT = 0mA TO
1A, 0.5A/DIV
VOUT RIPPLE,
100mV/DIV,
AC COUPLED
3
2
CH2
CH3 50.0mV
100mV
M 10.0 s CH2
–52mV
B
W
B
W
T
T
TPC 12. Load Transient Response
3
CH3
CH1
5.00V
CH2 5.00V M 50.0 s CH1
2.2V
4
2
1
50.0mV
CH4 5.00V
B
W
VON
VOUT
IOUT, 0.5A/DIV
VFAULT
TPC 13. Switch Turn-On Time
3
CH3
CH1
5.00V CH2 5.00V M 1.00 s CH1
2.5V
4
2
1
100mV CH4 5.00V
T
T
T
T
VON
VOUT
IOUT, 0.5A/DIV
VFAULT
TPC 14. Switch Turn-Off Time
CH3
CH1
5.00V CH2 2.00V M 500 s CH1
3.1V
4
2
1
100mV CH4 2.00V
3
T
T
T
T
VON
VOUT
IOUT, 0.5A/DIV
VFAULT
TPC 15. USB Circuit Output Rise Time



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com