Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM869L Datasheet(PDF) 3 Page - Analog Devices

Part # ADM869L
Description  2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM869L Datasheet(HTML) 3 Page - Analog Devices

  ADM869L Datasheet HTML 1Page - Analog Devices ADM869L Datasheet HTML 2Page - Analog Devices ADM869L Datasheet HTML 3Page - Analog Devices ADM869L Datasheet HTML 4Page - Analog Devices ADM869L Datasheet HTML 5Page - Analog Devices ADM869L Datasheet HTML 6Page - Analog Devices ADM869L Datasheet HTML 7Page - Analog Devices ADM869L Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
ADM869L
–3–
PIN CONFIGURATION
1
2
3
4
5
6
7
8
IN
OUT
OUT
OUT
IN
16
15
14
13
12
9
10
11
ADM869L
TOP VIEW
(Not to Scale)
OUT
IN
IN
IN
IN
OUT
GND
OUT
FAULT
SET
ON
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
IN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
ON, FAULT to GND . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
SET, OUT to GND . . . . . . . . . . . . . . –0.3 V to (VIN + 0.3 V)
Maximum Continuous Switch Current . . . . . . . . . . . . . . . 3 A
Continuous Power Dissipation (TA = 70
°C) . . . . . . . 667 mW
QSOP (Derate 8.3 mW/
°C above 70°C)
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
ESD Rating (Outputs) . . . . . . . . . . . . . . . . . . . . . . . . . . 15 kV
(Other Pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 kV
*This is a stress rating only; functional operation of the device at these or any other
conditions above those indicated in the operation sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
THERMAL CHARACTERISTICS
16-Lead QSOP Package:
θ
JA = 50
°C/W, θ
JC = 10
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM869LARQ –40
°C to +85°C 16-Lead QSOP RQ-16
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1, 4, 5, 12, 13, 16
IN
Input to P-Channel MOSFET Source and Supply to Chip Circuitry. Bypass IN with a 22
µF
capacitor to ground.
2, 3, 6, 11, 14, 15
OUT
Output from P-Channel MOSFET Drain. Bypass OUT with a 0.1
µF capacitor to ground.
7
ON
Digital Input. Active-low switch enable (logic 0 turns the switch on).
9
SET
Current Limit Setting Input. A resistor from set to ground sets the current limit. Refer to
Current Limit section.
10
FAULT
Open-Drain Digital Output.
FAULT goes low when the current limit is exceeded or the die
temperature exceeds 135
°C. During startup, FAULT remains low for the turn-on time + 50 µs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com