Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM869L Datasheet(PDF) 1 Page - Analog Devices

Part # ADM869L
Description  2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM869L Datasheet(HTML) 1 Page - Analog Devices

  ADM869L Datasheet HTML 1Page - Analog Devices ADM869L Datasheet HTML 2Page - Analog Devices ADM869L Datasheet HTML 3Page - Analog Devices ADM869L Datasheet HTML 4Page - Analog Devices ADM869L Datasheet HTML 5Page - Analog Devices ADM869L Datasheet HTML 6Page - Analog Devices ADM869L Datasheet HTML 7Page - Analog Devices ADM869L Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM869L
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
2 A, High-Side P-Channel Switch with
Current Limit and Thermal Shutdown
FUNCTIONAL BLOCK DIAGRAM
TEMPERATURE
SENSOR AND
CONTROL
CIRCUITRY
MAIN FET
MIRROR FET
IN
(2.7V TO 5.5V)
OUT
RSET
SET
FAULT
GND
ON
RPULLUP
10k
TO 100k
VPULLUP
0 TO 5.5V
ON
ON
ON
ON
OVERTEMP
ADM869L
CURRENT
LIMIT
AMPLIFIER
1.24V
BANDGAP
REFERENCE
MIRROR
AMPLIFIER
0.1 F
22 F
FEATURES
2 A Load Current
45 m
On Resistance
User-Settable Current Limit
12
A Typical Quiescent Current
10 nA Typical Shutdown Current
40 nA Typical Switch Off Leakage
Short-Circuit Protection
Thermal Shutdown
FAULT Output
Small, 16-Lead QSOP Package
APPLICATIONS
Desktop Computers
Palmtop Computers
Notebook Computers
Hand-Held Instruments
Universal Serial Bus (USB)
GENERAL DESCRIPTION
The ADM869L is a logic controlled P-channel switch with low
on resistance, capable of sourcing up to 2 A from supply voltages
between 2.7 V and 5.5 V. A user-settable current limit allows
the trip current to be set between 400 mA and 2 A with an
accuracy of
±21%. This allows the system power supply to be
protected against short circuits and surge currents in peripheral
loads powered via the ADM869L. Over-current and over-
temperature conditions are signalled by a
FAULT output.
The ADM869L also offers low quiescent current of typically
12
µA and shutdown current of typically 10 nA.


Similar Part No. - ADM869L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM869L AD-ADM869L_15 Datasheet
211Kb / 8P
2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. B
More results

Similar Description - ADM869L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
logo
STMicroelectronics
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
1.2 A current limited high side power switch with thermal shutdown
01-Dec-2007
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
logo
Maxim Integrated Produc...
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
logo
Analog Devices
ADM869L AD-ADM869L_15 Datasheet
211Kb / 8P
2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. B
logo
Maxim Integrated Produc...
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com