Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756EB Datasheet (PDF) - Analog Devices

ADE7756EB Datasheet PDF - Analog Devices
Part # ADE7756EB
Download  ADE7756EB Download
File Size   3563.25 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board Documentation AD7756 Energy metering IC

ADE7756EB Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7756EB Datasheet PDF - Analog Devices

Part # ADE7756EB
Download  ADE7756EB Click to download

File Size   3563.25 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board Documentation AD7756 Energy metering IC

ADE7756EB Datasheet (HTML) - Analog Devices


ADE7756EB Product details

GENERAL DESCRIPTION

The ADE7756 is a high-accuracy electrical power measurement IC with a serial interface and a pulse output. The ADE7756 incorporates two second-order sigma-delta ADCs, reference circuitry, temperature sensor, and all the signal processing required to perform active power and energy measurement.

The ADE7756 contains a sampled Waveform register and an Active Energy register capable of holding at least five seconds of accumulated power at full load. Data is read from the ADE7756 via the serial interface. The ADE7756 also provides a pulse output (CF) with a frequency that is proportional to the active power.



FEATURES

High Accuracy, Supports IEC 687/1036

Less than 0.1% Error over a Dynamic Range of 1000 to 1

An On-Chip User Programmable Threshold for Line Voltage SAG Detection and PSU Supervisory

The ADE7756 Supplies Sampled Waveform Data (20 Bits) and Active Energy (40 Bits)

Digital Power, Phase and Input Offset Calibration

An On-Chip Temperature Sensor (3C Typical after Calibration)

An SPI-Compatible Serial Interface

A Pulse Output with Programmable Frequency

An Interrupt Request Pin (IRQ) and Status Register

Provide Early Warning of Register Overflow and Other Conditions

Proprietary ADCs and DSP Provide High Accuracy over Large Variations in Environmental Conditions and Time

Reference 2.4 V  8% (20 ppm/C Typical) with External Overdrive Capability

Single 5 V Supply, Low Power (25 mW Typical)




Similar Part No. - ADE7756EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
ADE7756AN AD-ADE7756AN Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
ADE7756AN-REF AD-ADE7756AN-REF Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
ADE7756ARS AD-ADE7756ARS Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
ADE7756ARSRL AD-ADE7756ARSRL Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
More results


Similar Description - ADE7756EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Sames
PM9904BPD SAMES-PM9904BPD Datasheet
4Mb / 22P
Evaluation Board for the SA9904B Energy Metering IC
logo
Analog Devices
ADE7757EB AD-ADE7757EB Datasheet
820Kb / 11P
Evaluation Board Documentation ADE7757 Energy Metering IC
REV. PrF
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
logo
STMicroelectronics
AN2317 STMICROELECTRONICS-AN2317 Datasheet
263Kb / 27P
Energy Metering IC External Circuits
14-Apr-2006
logo
Analog Devices
UG-194 AD-UG-194 Datasheet
2Mb / 20P
Evaluation Board for the ADE7953 Single Phase Energy Metering IC
Rev. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
logo
Sames
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
Energy Metering IC
logo
Analog Devices
ADE9153A AD-ADE9153A Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com