Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756EB Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7756EB
Description  Evaluation Board Documentation AD7756 Energy metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756EB Datasheet(HTML) 4 Page - Analog Devices

  ADE7756EB Datasheet HTML 1Page - Analog Devices ADE7756EB Datasheet HTML 2Page - Analog Devices ADE7756EB Datasheet HTML 3Page - Analog Devices ADE7756EB Datasheet HTML 4Page - Analog Devices ADE7756EB Datasheet HTML 5Page - Analog Devices ADE7756EB Datasheet HTML 6Page - Analog Devices ADE7756EB Datasheet HTML 7Page - Analog Devices ADE7756EB Datasheet HTML 8Page - Analog Devices ADE7756EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
EVAL-ADE7756EB
–4–
REV. PrB 01/01
PRELIMINARYTECHNICALDATA
JUMEPER
OPTION
DESCRIPTION
JP1
Closed
This will short out R50. The effect is to disable the anti-alias filter on the
analog input V1P. Default Open.
Open
Enable the anti-alias filter on V1P.
JP2
Closed
This will connect the analog input V1P to ground. Default Open.
JP3
Closed
This will short out R51. The effect is to disable the anti-alias filter on the
analog input V1N. Default Open.
Open
Enabe the anti-alias filter on V1N.
JP4
Closed
This will connect the analog input V1N to ground. Default Open.
JP5
A
This connects the buffered logic output IRQ to the LED1.
B
This connects the buffered logic output IRQ to pin 10 on the D-Sub connector
via an optical isolator.
JP6
A
This connects the buffered logic output SAG to the LED2.
B
This connects the buffered logic output SAG to pin 11 on the D-Sub connector
via an optical isolator.
JP7
Closed
This will short the attenuation network on Channel 2. Default open.
JP8
Closed
This will connect the analog input V2P to ground. Default Open.
JP9
Closed
This will short out R57. The effect is to disable the anti-alias filter on the
analog input V2N. Default Open.
Open
Enable the anti-alias filter on V2N.
JP10
Closed
This will connect the analog input V2N to ground. Default Open.
JP11
Closed
This will connect the Analog and Digital ground planes of the PCB. Default
Closed.
JP12
A
This connects the buffered logic output CF to the LED4.
B
This connects the buffered logic output CF to BNC2 connector via an optical
isolator.
JP13
Closed
This will connect an external reference 2.5V (AD780) to the ADE7756.
Open
This will enable the ADE7756 on-chip reference.
JP14
Closed
This will connect the optical isolator ground to the evaluation board gound
(DGND). If full isolation between the evaluation board and PC is required,
this jumper should be left open.
JP15
Closed
This will short out R41. The effect is to disable the phase compensation filter
(for shunts) on the analog input V1P. Default Closed.
JP19
A
This connects the buffered logic output ZX to the LED3.
B
This connects the buffered logic output ZX to pin 12 on the D-Sub connector
via an optical isolator.
JP20
Closed
This connects the AVDD and DVDD supply for the evaluation board together.
Default Closed.
JP21
Closed
This connects the DVDD and +5V (buffers) supply for the evaluation board
together. Default Closed.
JP25
Closed
This will short out R42. The effect is to disable the phase compensation filter
(for shunts) on the analog input V1N. Default Closed.
JP51
Closed
This will short out disconnect Analog input V2P from the ADE7756. Default
Closed.
JUMPER SETTINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com