Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756EB Datasheet(PDF) 2 Page - Analog Devices

Part # ADE7756EB
Description  Evaluation Board Documentation AD7756 Energy metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756EB Datasheet(HTML) 2 Page - Analog Devices

  ADE7756EB Datasheet HTML 1Page - Analog Devices ADE7756EB Datasheet HTML 2Page - Analog Devices ADE7756EB Datasheet HTML 3Page - Analog Devices ADE7756EB Datasheet HTML 4Page - Analog Devices ADE7756EB Datasheet HTML 5Page - Analog Devices ADE7756EB Datasheet HTML 6Page - Analog Devices ADE7756EB Datasheet HTML 7Page - Analog Devices ADE7756EB Datasheet HTML 8Page - Analog Devices ADE7756EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
EVAL-ADE7756EB
–2–
REV. PrB 01/01
PRELIMINARYTECHNICALDATA
ANALOG INPUTS (SK1 AND SK2)
ANALOG INPUTS (SK1 AND SK2)
ANALOG INPUTS (SK1 AND SK2)
ANALOG INPUTS (SK1 AND SK2)
ANALOG INPUTS (SK1 AND SK2)
Voltage and current signals are connected at the screw termi-
nals SK1 and SK2 respectively. All analog input signals are
filtered using the on-board anti-alias
filters before being
presented to the analog inputs of the ADE7756. The
default component values which are shipped with the
evaluation board are the recommended values to be used
with the ADE7756. The user can easily change these
components, however this is not recommended unless the
user is familiar with sigma-delta converters and also the
criteria used for selecting the component values for the
analog input filters—see AN-559 for a more comprehen-
sive description of the anti-alias filters and their function.
Current sense inputs (SK2)
SK2 is a three-way connection block which allows the
ADE7756 to be connected to a current transducer. Figure
1 shows the connector SK2 and the filtering network
which is provided on the evaluation board.
The resistors SH1A and SH1B are by default not popu-
lated. They are intended to be used as burden resistors
when a CT is used as the current transducer—see using a
CT as a the current transducer.
The RC networks R41/C11 and R42/C21 are used to
provide phase compensation when a shunt is being used as
the current transducer—see using a shunt as the current
transducer. These RC networks are easily disabled by
placing JP15 & JP25 and removing C11 & C21 (sock-
eted).
The RC networks R50/C50 & R51/C51 are the anti-alias
filters which are required by the on-chip ADCs. The
default corner frequency for these LPFs (Low Pass
Filters) is selected as 4.8kHz (1k
Ω & 33nF). These filters
can easily be adjusted by replacing the components on the
evaluation board. However before adjusting the compo-
nent values of R50, R51, C50 or C51 the user should first
review application note AN-559.
SK2 1
SK2 2
SK2 3
JP1
JP3
R50
R51
C50
C51
V1P
V1N
TP1
TP2
ADE7756
SH1A
SH1B
JP15
JP2
JP25
JP4
R41
R42
C11
C21
33nF
33nF
33nF
33nF
1k
Ω
1k
Ω
100
Ω
100
Ω
Figure 1 — Current Channel on the ADE7756 evaluation
board
Using a CT as the current transducer
Figure 2 shows how a CT can be used as a current
transducer in a signal phase 3-wire distribution system.
This is how electrical energy is distributed to residential
users in the United States. Phase A and Phase B are
nominally 180° out of phase. The vector addition of the
two currents is easily achieved by using two primary turns
of opposite polarity on the CT.
JP1
JP3
V1P
V1N
TP1
TP2
ADE7756
SH1A
SH1B
JP15
JP2
JP25
JP4
33nF
33nF
1k
Ω
1k
Ω
100
Ω
100
Ω
4
Ω
Full Scale
differential input = 1V
Gain = 2
4
Ω
CT
I max = 80A
355mV
rms
1:1800
Figure 2 — CT connection to Current Channel
The CT secondary current is converted to a voltage by
using a burden resistance across the secondary winding
outputs. Care should be taken when using a CT as the
current transducer. If the secondary is left open, i.e., no
burden is connected, a large voltage could be present at
the secondary outputs. This can cause an electrical shock
hazard and potentially damage electronic components.
Warning!
Using a CT without a burden resistor
can lead to electrical shock.
When using a CT as the current sensor, the phase com-
pensation network for a shunt application should be
disabled. This is achieved by closing jumpers JP15/JP25
and removing C11/C21.
The anti-alias filters should be enabled by opening
jumpers JP1/JP3—see Figure 2.
Most CTs will have an associated phase shift of between
0.1° and 1° at 50Hz/60Hz. This phase shift or phase error
can lead to significant energy measurement errors, espe-
cially at low power factors—see AN-559 for more infor-
mation. However this phase error can be corrected by
writing to the Phase Calibration register (PHCAL) in the
ADE7756. The software supplied with the ADE7756
evaluation board allows user adjustment of the Phase
Calibration register. See the Evaluation Software Description
for more information.
For this example, notice that the maximum analog input
range on Channel 1 is set to 1V. And the Gain for Chan-
nel 1 has be set to 2. The maximum analog input range
and gain are set via the Gain register (GAIN)—see the
ADE7756 data sheet. The evaluation software allows the
user to configure the channel range and gain. This means
that the maximum peak differential signal on Channel 1 is
0.5V.
PRELIMINARYTECHNICALDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com