Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756EB Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7756EB
Description  Evaluation Board Documentation AD7756 Energy metering IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756EB Datasheet(HTML) 1 Page - Analog Devices

  ADE7756EB Datasheet HTML 1Page - Analog Devices ADE7756EB Datasheet HTML 2Page - Analog Devices ADE7756EB Datasheet HTML 3Page - Analog Devices ADE7756EB Datasheet HTML 4Page - Analog Devices ADE7756EB Datasheet HTML 5Page - Analog Devices ADE7756EB Datasheet HTML 6Page - Analog Devices ADE7756EB Datasheet HTML 7Page - Analog Devices ADE7756EB Datasheet HTML 8Page - Analog Devices ADE7756EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. PrB 01/01
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
=
EvaluationBoardDocumentation
AD7756EnergymeteringIC
EVAL-ADE7756EB
FEATURES
Evaluation Board is designed to be used together with
accompanying software to implement a fully functional
Energy Meter (Watt-Hour Meter).
Easy connection of various external transducers via
screw terminals.
Easy modification of signal conditioning components
using PCB sockets.
LED indicators on logic outputs CF, ZX, SAG and IRQ.
Optically isolated data output connection to PC parallel port.
Optically isolated frequency output (CF) to BNC.
External Reference option available for
on-chip reference evaluation.
PreliminaryTechnicalData
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
The ADE7756 is a high accuracy electrical power mea-
surement IC with a serial interface and a pulse output.
The ADE7756 incorporates two second order sigma delta
ADCs, reference circuitry, temperature sensor and all the
signal processing required to perform active power and
energy measurement.
This documentation describes the ADE7756 evaluation kit
Hardware and Software functionality. The ADE7756
evaluation board, together with the ADE7756 data sheet
and this documentation provides a complete evaluation
platform for the ADE7756.
The evaluation board has been designed so that the
ADE7756 can be evaluated in the end application, i.e.,
Watt-Hour Meter. Using the appropriate transducers on
the current channel (e.g., shunt, CT etc.) the evaluation
board can be connected to a test bench or high voltage
(240V rms) test circuit. An on-board resistor divider
network provides the attenuation for the line voltage. This
application note also describes how the current transducers
should be connected for the best performance.
The evaluation board (watt-hour meter) is configured and
calibrated via the parallel port of a PC. The data interface
between the evaluation board and the PC is fully isolated.
Windows
TM
based software is provided with the evaluation
board which allows it to be quickly configured as an
energy meter.
The evaluation board also functions as a stand alone
evaluation system which can be easily incorporated into an
existing system via a 25 way D-Sub
connector.
The evaluation board requires two external 5V power
supplies (one is required for isolation purposes) and the
appropriate current transducer.
AD780
ADE7756
V+
AVDD
AGND
DVDD DGND
V1P
V1N
V2N
V2P
+5V
PROTOTYPE
AREA
V-
AGND
Filter
Network
Filter
Network
&
Attenuation
74HC08
74HC08
DOUT
SCLK
DIN
CS
RESET
CF
ZX
SAG
IRQ
Connector to
PC Parallel
Port
BNC
BNC
External
Clock in
CF
Isolated Frequency
output
Optional External
2.5V Reference
PRELIMINARYTECHNICALDATA


Similar Part No. - ADE7756EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
ADE7756AN AD-ADE7756AN Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
ADE7756AN-REF AD-ADE7756AN-REF Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
ADE7756ARS AD-ADE7756ARS Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
ADE7756ARSRL AD-ADE7756ARSRL Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
More results

Similar Description - ADE7756EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Sames
PM9904BPD SAMES-PM9904BPD Datasheet
4Mb / 22P
Evaluation Board for the SA9904B Energy Metering IC
logo
Analog Devices
ADE7757EB AD-ADE7757EB Datasheet
820Kb / 11P
Evaluation Board Documentation ADE7757 Energy Metering IC
REV. PrF
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
logo
STMicroelectronics
AN2317 STMICROELECTRONICS-AN2317 Datasheet
263Kb / 27P
Energy Metering IC External Circuits
14-Apr-2006
logo
Analog Devices
UG-194 AD-UG-194 Datasheet
2Mb / 20P
Evaluation Board for the ADE7953 Single Phase Energy Metering IC
Rev. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
logo
Sames
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
Energy Metering IC
logo
Analog Devices
ADE9153A AD-ADE9153A Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com