Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211 Datasheet (PDF) - Analog Devices

SSM2211 Datasheet PDF - Analog Devices
Part # SSM2211
Download  SSM2211 Download
File Size   212.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion 1.5 Watt Audio Power Amplifier

SSM2211 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2211 Datasheet PDF - Analog Devices

Part # SSM2211
Download  SSM2211 Click to download

File Size   212.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion 1.5 Watt Audio Power Amplifier

SSM2211 Datasheet (HTML) - Analog Devices


SSM2211 Product details

GENERAL DESCRIPTION
The SSM22113 is a high performance audio amplifier that delivers 1 W rms of low distortion audio power into a bridge connected 8 Ω speaker load (or 1.5 W rms into a 4 Ω load).
It operates over a wide temperature range and is specified for single-supply voltages between 2.7 V and 5.5 V. When operating from batteries, it continues to operate down to 1.75 V.
This makes the SSM2211 the best choice for unregulated applications, such as toys and games. Featuring a 4 MHz bandwidth and distortion below 0.2% THD + N @ 1 W, superior performance is delivered at higher power or lower speaker load impedance than competitive units.
The low differential dc output voltage results in negligible losses in the speaker winding and makes high value dc blocking capacitors unnecessary. Battery life is extended by using shutdown mode, which typically reduces quiescent current drain to 100 nA.
The SSM2211 is designed to operate over the –40°C to +85°C temperature range. The SSM2211 is available in 8-lead SOIC (narrow body) and LFCSP (lead frame chip scale) surface mount packages. The advanced mechanical packaging of the LFCSP models ensures lower chip temperature and enhanced performance relative to standard packaging options.
Applications include personal portable computers, hands-free telephones and transceivers, talking toys, intercom systems, and other low voltage audio systems requiring 1 W output power.

FEATURES
  1.5 W output1
  Differential (BTL2) output
  Single-supply operation: 2.7 V to 5.5 V
  Functions down to 1.75 V
  Wide bandwidth: 4 MHz
  Highly stable phase margin: >80 degrees
  Low distortion: 0.2% THD + N @ 1 W output
  Excellent power supply rejection
 
APPLICATIONS
  Portable computers
  Personal wireless communicators
  Hands-free telephones
  Speaker phones
  Intercoms
  Musical toys and talking games




Similar Part No. - SSM2211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211 Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211 AD-SSM2211 Datasheet
492Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
5/16-Rev. F to Rev. G
SSM2211-EVAL AD-SSM2211-EVAL Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211CP-R2 AD-SSM2211CP-R2 Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211CP-REEL AD-SSM2211CP-REEL Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
More results


Similar Description - SSM2211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
8 Watt Audio Power Amplifier
logo
Analog Devices
SSM2211 AD-SSM2211_07 Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
2.7 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
1.1 Watt Audio Power Amplifier
logo
Analog Devices
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. F
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
5/16-Rev. F to Rev. G
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com