Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2211
Description  Low Distortion 1.5 Watt Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211 Datasheet(HTML) 2 Page - Analog Devices

  SSM2211 Datasheet HTML 1Page - Analog Devices SSM2211 Datasheet HTML 2Page - Analog Devices SSM2211 Datasheet HTML 3Page - Analog Devices SSM2211 Datasheet HTML 4Page - Analog Devices SSM2211 Datasheet HTML 5Page - Analog Devices SSM2211 Datasheet HTML 6Page - Analog Devices SSM2211 Datasheet HTML 7Page - Analog Devices SSM2211 Datasheet HTML 8Page - Analog Devices SSM2211 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
SSM2211–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
GENERAL CHARACTERISTICS
Differential Output Offset Voltage
VOOS
AVD = 2
4
50
mV
Output Impedence
ZOUT
0.1
Ω
SHUTDOWN CONTROL
Input Voltage High
VIH
ISY = < 100
µA
3.0
V
Input Voltage Low
VIL
ISY = Normal
1.3
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 4.75 V to 5.25 V
66
dB
Supply Current
ISY
VO1 = VO2 = 2.5 V
9.5
mA
Supply Current, Shutdown Mode
ISD
Pin 1 = VDD, See Figure 29
100
nA
DYNAMIC PERFORMANCE
Gain Bandwidth
GBP
4
MHz
Phase Margin
Ø
0
86
degrees
AUDIO PERFORMANCE
Total Harmonic Distortion
THD + N
P = 0.5 W into 8
Ω, f = 1 kHz
0.15
%
Total Harmonic Distortion
THD + N
P = 1.0 W into 8
Ω, f = 1 kHz
0.2
%
Voltage Noise Density
en
f = 1 kHz
85
nV
√Hz
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
GENERAL CHARACTERISTICS
Differential Output Offset Voltage
VOOS
AVD = 2
5
50
mV
Output Impedence
ZOUT
0.1
Ω
SHUTDOWN INPUT
Input Voltage High
VIH
ISY = < 100 µA
1.7
V
Input Voltage Low
VIL
1V
POWER SUPPLY
Supply Current
ISY
VO1 = VO2 = 1.65 V
5.2
mA
Supply Current, Shutdown Mode
ISD
Pin 1 = VDD, See Figure 29
100
nA
AUDIO PERFORMANCE
Total Harmonic Distortion
THD + N
P = 0.35 W into 8
Ω, f = 1 kHz
0.1
%
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
GENERAL CHARACTERISTICS
Differential Output Offset Voltage
VOOS
AVD = 2
5
50
mV
Output Impedence
ZOUT
0.1
Ω
SHUTDOWN CONTROL
Input Voltage High
VIH
ISY = < 100
µA
1.5
V
Input Voltage Low
VIL
ISY = Normal
0.8
V
POWER SUPPLY
Supply Current
ISY
VO1 = VO2 = 1.35 V
4.2
mA
Supply Current, Shutdown Mode
ISD
Pin 1 = VDD, See Figure 29
100
nA
AUDIO PERFORMANCE
Total Harmonic Distortion
THD + N
P = 0.25 W into 8
Ω, f = 1 kHz
0.1
%
Specifications subject to change without notic
(VS =
5.0 V, TA =
25 C, RL = 8
, CB = 0.1 F, VCM = VD/2 unless otherwise noted)
(VS =
3.3 V, TA =
25 C, RL = 8
, CB = 0.1 F, VCM = VD/2 unless otherwise noted)
(VS =
2.7 V, TA =
25 C, RL = 8
, CB = 0.1 F, VCM = VS/2 unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com