Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2211
Description  Low Distortion 1.5 Watt Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211 Datasheet(HTML) 1 Page - Analog Devices

  SSM2211 Datasheet HTML 1Page - Analog Devices SSM2211 Datasheet HTML 2Page - Analog Devices SSM2211 Datasheet HTML 3Page - Analog Devices SSM2211 Datasheet HTML 4Page - Analog Devices SSM2211 Datasheet HTML 5Page - Analog Devices SSM2211 Datasheet HTML 6Page - Analog Devices SSM2211 Datasheet HTML 7Page - Analog Devices SSM2211 Datasheet HTML 8Page - Analog Devices SSM2211 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
VOUT B
IN –
IN +
SHUTDOWN
BYPASS
VOUT A
V +
V – (GND)
BIAS
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Distortion 1.5 Watt
Audio Power Amplifier
SSM2211*
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
FEATURES
1.5 Watt Output1
Differential (BTL2)Output
Single-Supply Operation: 2.7 V to 5.5 V
Functions Down to 1.75 V
Wide Bandwidth: 4 MHz
Highly Stable, Phase Margin: > 80 Degrees
Low Distortion: 0.2% THD @ 1 W Output
Excellent Power Supply Rejection
APPLICATIONS
Portable Computers
Personal Wireless Communicators
Hands-Free Telephones
Speakerphones
Intercoms
Musical Toys and Speaking Games
GENERAL DESCRIPTION
The SSM2211 is a high performance audio amplifier that delivers 1
W RMS of low distortion audio power into a bridge-connected 8
Ω
speaker load, (or 1.5 W RMS into 4
Ω load). It operates over a wide
temperature range and is specified for single-supply voltages between
2.7 V and 5.5 V. When operating from batteries, it will continue to
operate down to 1.75 V. This makes the SSM2211 the best choice
for unregulated applications such as toys and games. Featuring a
4 MHz bandwidth, distortion below 0.2 % THD @ 1 W, and the
patented Thermal Coastline leadframe, superior performance is de-
livered at higher power or lower speaker load impedance than com-
petitive units. The advanced mechanical packaging of the SSM2211
gives lower chip temperature, which ensures highly reliable operation
and enhanced trouble free life.
*Protected by U.S. Patent No. 5,519,576
11.5 W @ 4
Ω, +25°C ambient, < 1% THD, 5 V supply, 4 layer PCB.
2Bridge Tied Load
The low differential dc output voltage results in negligible losses
in the speaker winding, and makes high value dc blocking capaci-
tors unnecessary. Battery life is extended by using the Shutdown
mode, which reduces quiescent current drain to typically 100 nA.
The SSM2211 is designed to operate over the –20
°C to +85°C
temperature range. See Figure 49 for information on the Thermal
Coastline lead frame. The SSM2211 is available in an SO-8 sur-
face mount package. DIP samples are available; you should request
a special quotation on production quantities. An evaluation board
is available upon request of your local Analog Device sales office.
Applications include personal portable computers, hands-free
telephones and transceivers, talking toys, intercom systems and
other low voltage audio systems requiring 1 W output power.


Similar Part No. - SSM2211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211 Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211 AD-SSM2211 Datasheet
492Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
5/16-Rev. F to Rev. G
SSM2211-EVAL AD-SSM2211-EVAL Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211CP-R2 AD-SSM2211CP-R2 Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211CP-REEL AD-SSM2211CP-REEL Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
More results

Similar Description - SSM2211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
8 Watt Audio Power Amplifier
logo
Analog Devices
SSM2211 AD-SSM2211_07 Datasheet
497Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
2.7 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
1.1 Watt Audio Power Amplifier
logo
Analog Devices
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. F
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
5/16-Rev. F to Rev. G
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com