Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2211
Description  Low Distortion 1.5 Watt Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211 Datasheet(HTML) 3 Page - Analog Devices

  SSM2211 Datasheet HTML 1Page - Analog Devices SSM2211 Datasheet HTML 2Page - Analog Devices SSM2211 Datasheet HTML 3Page - Analog Devices SSM2211 Datasheet HTML 4Page - Analog Devices SSM2211 Datasheet HTML 5Page - Analog Devices SSM2211 Datasheet HTML 6Page - Analog Devices SSM2211 Datasheet HTML 7Page - Analog Devices SSM2211 Datasheet HTML 8Page - Analog Devices SSM2211 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SSM2211
REV. 0
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the SSM2211 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1,2
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDD
Common Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . . VDD
ESD Susceptibility . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000 V
Storage Temperature Range . . . . . . . . . . . .
65
°C to +150°C
Operating Temperature Range . . . . . . . . . . .
20
°C to +85°C
Junction Temperature Range . . . . . . . . . . . .
65
°C to +165°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . .
300
°C
NOTES
1Absolute maximum ratings apply at +25
°C, unless otherwise noted.
2Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; the functional operation of
the device at these or any other conditions above those indicated in the opera tional
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Package Type
JA
1
JC
Units
8-Lead SOIC (S)
98
43
°C/W
8-Lead PDIP (P)
2
103
43
°C/W
NOTES
1For the SOIC package,
θ
JA is measured with the device soldered to a 4-layer
printed circuit board.
2Special order only.
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 5V
AVD = 2 (BTL)
RL = 8
PL = 500mW
CB = 0
CB = 0.1 F
CB = 1 F
Figure 1. THD+N vs. Frequency
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 5V
AVD = 10 (BTL)
RL = 8
PL = 500mW
CB = 0
CB = 0.1 F
CB = 1 F
Figure 2. THD+N vs. Frequency
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 5V
AVD = 20 (BTL)
RL = 8
PL = 500mW
CB = 0.1 F
CB = 1 F
Figure 3. THD+N vs. Frequency
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
SSM2211S
–20
°C to +85°C
8-Lead SOIC
SO-8
SSM2211S-reel
–20
°C to +85°C
8-Lead SOIC
SO-8
SSM2211S-reel7
–20
°C to +85°C
8-Lead SOIC
SO-8
SSM2211P
–20
°C to +85°C
8-Lead PDIP
N-8*
*Special order only.
PIN CONFIGURATIONS
8-Lead SOIC
(SO-8)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
SHUTDOWN
VOUT A
+V
–V
VOUT B
BYPASS
+IN
–IN
8-Lead Plastic DIP
(N-8)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
SHUTDOWN
VOUT A
+V
–V
VOUT B
BYPASS
+IN
–IN
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com