Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9388 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9388 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9388
Download  PE9388 Download
File Size   260.41 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Male to BNC Female 4 Hole Flange Adapter

PE9388 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9388 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9388
Download  PE9388 Click to download

File Size   260.41 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Male to BNC Female 4 Hole Flange Adapter

PE9388 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9388 Product details

Configuration
   Connector 1                        N Male
   Impedance 1                       50 Ohms
   Connector Specification 1   MIL-STD-348
   Connector 2                        BNC Female
   Impedance 2                       50 Ohms
   Connector Specification 2   MIL-STD-348
   Adapter Design                   Standard
   Body Style                           Straight
   Mount Method                     4 Hole Flange




Similar Part No. - PE9388

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
SMA Male to SMA Female 45 Degree Right Adapter
PE9382 PASTERNACK-PE9382 Datasheet
269Kb / 3P
Bulkhead Isolated Ground N Female to N Female Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
More results


Similar Description - PE9388

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3288 POMONA-3288 Datasheet
27Kb / 1P
Adapter N (Male) To BNC (Female)
logo
Pasternack Enterprises,...
PE9002 PASTERNACK-PE9002 Datasheet
254Kb / 3P
N Male to BNC Female Adapter
PE9106 PASTERNACK-PE9106 Datasheet
255Kb / 3P
BNC Female to BNC Female 4 Hole Flange Adapter
PE9123 PASTERNACK-PE9123 Datasheet
245Kb / 2P
4 Hole Flange N Female to BNC Male Adapter
PE9173 PASTERNACK-PE9173 Datasheet
254Kb / 3P
N Female to N Female 4 Hole Flange Adapter
PE9238 PASTERNACK-PE9238 Datasheet
238Kb / 2P
N Female to BNC Female 4 Hole Flange Adapter
PE9275 PASTERNACK-PE9275 Datasheet
242Kb / 2P
4 Hole Flange SMA Female to N Male Adapter
PE9367 PASTERNACK-PE9367 Datasheet
245Kb / 2P
75 Ohm BNC Female to BNC Female 4 Hole Flange Adapter
PE9497 PASTERNACK-PE9497 Datasheet
260Kb / 3P
Precision SMA Male to N Female 4 Hole Flange Adapter
PE9498 PASTERNACK-PE9498 Datasheet
248Kb / 2P
Precision 4 Hole Flange SMA Female to N Male Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com