Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

269-A Datasheet (PDF) - Agere Systems

269-A Datasheet PDF - Agere Systems
Part # 269-A
Download  269-A Download
File Size   85.55 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 269-Type 14xx nm Pump Laser Module with Fiber Grating

269-A Datasheet (PDF)

Go To PDF Page Download Datasheet
269-A Datasheet PDF - Agere Systems

Part # 269-A
Download  269-A Click to download

File Size   85.55 Kbytes
Page   8 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 269-Type 14xx nm Pump Laser Module with Fiber Grating

269-A Datasheet (HTML) - Agere Systems


269-A Product details

Description
The 269-type pump laser module with fiber grating represents a family of thermoelectrically cooled, high-power lasers. These modules utilize a fiber Bragg grating to achieve stable wavelength performance within the 1420 nm to 1510 nm range, over the full operating temperature range. They are designed as continuous-wave (CW) optical pump sources for dense wavelength-division multiplexing (DWDM) EDFA and Raman applications operating in the C- and L-bands. The 269-type laser modules with polarization-maintaining fiber are particularly suitable for use in RPM designs requiring the high-power combinations of multiple pumps.

Features
■ High-coupled rated output power up to 280 mW, CW
■ Available with fiber grating for wavelength stability
   (1420 nm—1510 nm)
■ Wide environmental range
■ Field-proven packaging technology
■ InGaAsP/InP high-power, strained multiple quantum-well (MQW) chip design
■ Internal thermoelectric cooler (TEC)
■ InGaAs PIN photodetector back-facet monitor
■ Single-mode and polarization-maintaining fiber pigtails
■ Compact, 14-pin butterfly package
■ Industry compatible package and pinout

Applications
■ Raman pump modules (RPM)
■ Erbium-doped fiber amplifiers (EDFA)




Similar Part No. - 269-A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-A AGERE-269-A Datasheet
95Kb / 8P
69-Type 14xx nm DFB Pump Laser Module
June 2001
269-A AGERE-269-A Datasheet
85Kb / 8P
269-Type 1480 nm Pump Laser Module
June 2001
More results


Similar Description - 269-A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-2 AGERE-269-2 Datasheet
95Kb / 8P
69-Type 14xx nm DFB Pump Laser Module
June 2001
269 AGERE-269 Datasheet
85Kb / 8P
269-Type 1480 nm Pump Laser Module
June 2001
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 400mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
logo
Finisar Corporation.
1012200 FINISAR-1012200 Datasheet
43Kb / 1P
14XX Pump-Pump Combiner
logo
JDS Uniphase Corporatio...
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com