Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2560 Datasheet (PDF) - Agere Systems

E2560 Datasheet PDF - Agere Systems
Part # E2560
Download  E2560 Download
File Size   637.33 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description E2560/E2580-Type 10 Gbits/s EML Modules

E2560 Datasheet (PDF)

Go To PDF Page Download Datasheet
E2560 Datasheet PDF - Agere Systems

Part # E2560
Download  E2560 Click to download

File Size   637.33 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description E2560/E2580-Type 10 Gbits/s EML Modules

E2560 Datasheet (HTML) - Agere Systems


E2560 Product details

Description
The E2560 (without integral driver IC) and E2580 (with integral driver IC) are devices for 10 Gbits/s DWDM or TDM transmission applications, which integrate a CW laser with an electroabsorptive modulator in the same semiconductor chip, and are an extension of Lucent Technologies Microelectronics Groups’ existing E2500 series of devices. Both types use a small-profile Gilbert GPO connector to handle the RF signal. The device is typically coupled with a number of erbium-doped fiber amplifiers, such as Lucent Technologies 1724-series, in order to ensure that sufficient optical power reaches the receiver.

Features
■ Integrated electroabsorptive modulator
■ 1.5 µm wavelength
■ Characterized for 10 Gbits/s operation
■ For use up to 80 km at 10 Gbits/s
■ Low modulation voltage
■ Temperature stabilized
■ Available with and without integral driver IC
■ Wavelength selectable to ITU-T standards
■ Ultrastable wavelength aging for DWDM

Applications
■ SONET/SDH applications
■ Ultrahigh capacity WDM system application
■ High-speed data communication
■ Digitized video




Similar Part No. - E2560

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
E25 DBLECTRO-E25 Datasheet
196Kb / 1P
D-SUM PCB STRIGHT FOR NOTEBOOK
logo
Cherry Semiconductor Co...
E25 CHERRY-E25 Datasheet
3Mb / 3P
5 current ratings
logo
Sensata Technologies, I...
E25 SENSATA-E25 Datasheet
353Kb / 6P
E25 | INCREMENTAL OPTICAL ENCODER
logo
Chauvin Arnoux Metrix
E25 CHAUVINARNOUX-E25 Datasheet
462Kb / 2P
AC/DC current clamps
04/2021
logo
Mitsumi Electronics, Co...
E25-004-8665-X MITSUMI-E25-004-8665-X Datasheet
134Kb / 2P
Mini USB Hub
More results


Similar Description - E2560

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2623N AGERE-2623N Datasheet
103Kb / 8P
10 Gbits/s Lithium Niobate Electro-Optic Modulator
May 2001
D1861A AGERE-D1861A Datasheet
93Kb / 6P
D1861A 10 Gbits/s 1310 nm DML Module
August 2000
D1861B AGERE-D1861B Datasheet
92Kb / 6P
D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)
March 2001
D1861C AGERE-D1861C Datasheet
86Kb / 6P
D1861C 10 Gbits/s 1310 nm DML Module (6 dBm)
March 2001
D1861D AGERE-D1861D Datasheet
86Kb / 6P
D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)
March 2001
D374 AGERE-D374 Datasheet
56Kb / 8P
D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
December 2000
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
T92 AGERE-T92 Datasheet
89Kb / 8P
T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
March 2001
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
August 2000
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
August 2000
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com