Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB232R Datasheet (PDF) - Future Technology Devices International Ltd.

UB232R Datasheet PDF - Future Technology Devices International Ltd.
Part # UB232R
Download  UB232R Download
File Size   401.0 Kbytes
Page   12 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB Mini-B FT232R Evaluation Module

UB232R Datasheet (PDF)

Go To PDF Page Download Datasheet
UB232R Datasheet PDF - Future Technology Devices International Ltd.

Part # UB232R
Download  UB232R Click to download

File Size   401.0 Kbytes
Page   12 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB Mini-B FT232R Evaluation Module

UB232R Datasheet (HTML) - Future Technology Devices International Ltd.


UB232R Product details

Introduction

The UB232R is the smallest USB – serial development module in the FTDI product range. To minimise the size of the module, the UB232R uses a standard USB mini-B connector. It is ideal for new development purposes as well as a platform for adding a USB interface to existing product designs.

The UB232R is based on the FTDI FT232RQ USB to Serial UART IC which handles all the USB signalling and protocols. The FT232R datasheet, DS_FT232R, is available at http://www.ftdichip.com, The UB232R supports RTS/CTS hardware handshaking and is USB powered. The module supports data transfer rates from 300 baud to 3 Mbaud (RS422, RS485, RS232 and at TTL levels). In addition, two of the configurable CBUS pins of the FT232R are made available on the UB232R connector, allowing the UB232R to provide clock signals to external logic or they can be used to drive signal traffic indicator LEDs.



Features

The UB232R has the following feature:

• Reduced development time.

• Rapid integration into existing systems.

• USB powered – no external power supply needed.

• Based on FT232RQ device.

• Entire USB protocol handled by USB module.

• Small USB Type B connector to minimise PCB real estate usage.

• Data transfer rates from 300 baud to 3 Mbaud at TTL levels

• Lower Operating (15mA) and USB suspend mode current (70µA).

• Supports FT232R FTDIChip-ID™ with a unique USB serial number.

• Support for USB suspend and resume.

• UHCI / OHCI / EHCI host controller compatible.

• USB 2.0 Full Speed compatible.

• -40°C to +85°C operating temperature range.



Typical Applications

• Rapid USB integration into existing electronic systems.

• Prototyping platform for USB interface on new systems.

• USB Instrumentation integration.

• PCB real estate sensitive designs integrating smallest FTDI USB module available.



 




Similar Part No. - UB232R

ManufacturerPart #DatasheetDescription
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
Super-compact size, Slim-package, Surface mounting type
More results


Similar Description - UB232R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
EVAL232R FTDI-EVAL232R Datasheet
613Kb / 18P
FT232RL USB to RS232 Evaluation Module
logo
Tyco Electronics
1-1734035-2 MACOM-1-1734035-2 Datasheet
386Kb / 4P
MINI USB, SMT, B TYPE
logo
Texas Instruments
SLLU093 TI1-SLLU093 Datasheet
863Kb / 50P
USB Interface Adapter Evaluation Module
logo
Assmann Electronics Inc...
A-USBB-2-M5-R ASSMANN-A-USBB-2-M5-R Datasheet
221Kb / 1P
USB, Version B-Mini, 5-Poles
logo
Adam Technologies, Inc.
MUSB-B5-S-RA-TSMT ADAM-TECH-MUSB-B5-S-RA-TSMT Datasheet
94Kb / 1P
MINI USB TYPE B SINGLE PORT
MUSB-B5-S-RA-TSMT-HC ADAM-TECH-MUSB-B5-S-RA-TSMT-HC Datasheet
92Kb / 1P
MINI USB TYPE B SINGLE PORT
MUSB-B5-S-RA-TSMT-KT-TR ADAM-TECH-MUSB-B5-S-RA-TSMT-KT-TR Datasheet
80Kb / 1P
MINI USB TYPE B SINGLE PORT
logo
Kycon, Inc.
KMBX KYCON-KMBX Datasheet
434Kb / 1P
Mini USB B Type Socket
logo
Texas Instruments
ISOUSB211DPEVM TI-ISOUSB211DPEVM Datasheet
1Mb / 15P
ISOUSB211DPEVM Isolated USB Evaluation Module
OCTOBER 2021
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com