Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB232R Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # UB232R
Description  USB Mini-B FT232R Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UB232R Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  UB232R Datasheet HTML 1Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 2Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 3Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 4Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 5Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 6Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 7Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 8Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright © 2010 Future Technology Devices International Limited
1
Document Reference No.: FT_000055
UB232R USB Mini-B FT232R Evaluation Module Datasheet Version 1.12
Clearance No.: FTDI# 43
1 Introduction
The UB232R is the smallest USB – serial development module in the FTDI product range. To minimise
the size of the module, the UB232R uses a standard USB mini-B connector. It is ideal for new
development purposes as well as a platform for adding a USB interface to existing product designs.
The UB232R is based on the FTDI FT232RQ USB to Serial UART IC which handles all the USB signalling
and protocols. The FT232R datasheet, DS_FT232R, is available at http://www.ftdichip.com, The
UB232R supports RTS/CTS hardware handshaking and is USB powered. The module supports data
transfer rates from 300 baud to 3 Mbaud (RS422, RS485, RS232 and at TTL levels). In addition, two of
the configurable CBUS pins of the FT232R are made available on the UB232R connector, allowing the
UB232R to provide clock signals to external logic or they can be used to drive signal traffic indicator
LEDs.
The UB232R is supplied with two 1x4 turned pin board headers with a standard 0.1” pitch. This aids rapid
prototyping and development. All components used, including the FT232R are Pb-free (RoHS compliant).
The UB232R requires USB drivers, available free from http://www.ftdichip.com, which are used to
make the FT232R on the UB232R appear as a virtual COM port (VCP). This then allows the user to
communicate with the USB interface via a standard PC serial emulation port (TTY). Another FTDI USB
driver, the D2XX driver, can also be used with application software to directly access the FT232R on the
UB232R though a DLL. This is illustrated in the Figure 1.1
TTY
USB
Virtual COM Port
Software application access to USB via D2XX
USB
TTY
USB Mini-B
UB232R
RXD
TXD
Serial UART
signals
USB Mini-B
UB232R
RXD
TXD
Serial UART
signals
Figure 1.1 Using the UB232R
Drivers for the UB232R are available free from http://www.ftdichip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com