Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB232R Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # UB232R
Description  USB Mini-B FT232R Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UB232R Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button UB232R Datasheet HTML 4Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 5Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 6Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 7Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 8Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 9Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 10Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 11Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 12Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Copyright © 2010 Future Technology Devices International Limited
7
Document Reference No.: FT_000055
UB232R USB Mini-B FT232R Evaluation Module Datasheet Version 1.12
Clearance No.: FTDI# 43
5 Schematic Diagram
UB232RMODULESCHEMATIC
8PINDIPHEADER
VCCIOSELECT
CTS#
RXD
RTS#
TXD
VCC3O
VCCIO
VCC
GND
VCCIO
GND
TXD
RXD
VCC
RTS#
CTS#
CBUS1
CBUS0
CBUS1
CBUS0
VCC
VCC
GND
GND
GND
GND
GND
GND
GND
VCC
1
2
3
4
J1
CON4
1
2
3
4
J2
CON4
1
2
3
J3
CON3
VCCIO
1
RXD
2
RI#
3
GND
4
NC
5
DSR#
6
DCD#
7
CTS#
8
GND
17
RESET#
18
VCC5I
19
GND
20
RXLED#
21
TXLED#
22
NC
23
AGND
24
U1
FT232RQ
1
2
FB1
FERRITEBEAD
1
2
3
5
CN1
MINI-USB/B
C1
10nF
C2
47pF
C3
47pF
C4
4.7uF6.3v CERAMIC
C5
0.1uF
Figure 5.1 UB232R Module Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com